Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB100 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXB100
Description  54-100W DC/DC Isolated Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB100 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXB100 Datasheet HTML 1Page - Artesyn Technologies EXB100 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
54-100W DC/DC Isolated Converters
1
2 YEAR WARRANTY
EXB100 Series
Single output
• Ultra wide trim range, 60% to 110% (1.08V to 5.5V)
• High efficiency, 91.5% @ 5V, 90.5% @ 3.3V, 87.5% @ 1.8V
• Basic insulation (input to output)
• Industry standard half-brick pin-out
• No minimum load
• Over-voltage and over-temperature protection
• Remote ON/OFF
The EXB100 series of 100W single output isolated DC/DC converters are specially
designed to meet the power needs of low voltage silicon. Housed in an open-frame
package with standard footprint, these latest generation converters offer efficiencies as
high as 91.5% (typical on 5V at 20A). The series comprises three 48V input models with
5V, 3.3V and 1.8V outputs. All models feature a wide input range, trimmable output
voltage and 30A output (5V is limited to 20A). Remote sense and remote ON/OFF
facilities are included as standard, and the converters are comprehensively protected
against over-current, over-voltage and over-temperature conditions.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
File Name: EXB100S.PDF Rev: 29 March 2002
OUTPUT SPECIFICATIONS
Voltage adjustability
60% to 110%
Output setpoint accuracy
1.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.4% max.
Total error band
3.0%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
(See Note 1)
100mV pk-pk
5Hz to 20MHz
50mV rms
Transient response
Deviation
150mV
(See Note 2)
300µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
36 to 75VDC
Input current
No load
150mA
Remote OFF
20mA
Input current (max.)
(See Note 3)
3.15A max. @ Io max.
and Vin = 36 to 75V
Input reflected ripple
(See Note 4)
60mA (pk-pk)
Remote ON/OFF
(See Note 5)
Logic compatibility
Open collector ref to -input
ON
>2VDC
OFF
<1.2VDC
Under-voltage lockout
Power up
36V
Power down
30V
Start-up time
Power up
40ms
(See Note 6)
Remote ON/OFF
35ms
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 7)
Level A
EN55022 (See Note 7)
Level B
Radiated emissions
EN55022
Level A
(See Long Form Data Sheet)
Immunity:
ESD air
EN61000-4-2 8kV, 15kV
ESD contact
EN61000-4-2 6kV, 8kV
Radiated field enclosure
EN61000-4-3 10V/m
Conducted (DC power)
EN61000-4-6 10V
Conducted (signal)
EN61000-4-6 10V
(See Note 5)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500VDC
Switching frequency
5V
300kHz typ.
(Fixed)
3.3V, 1.8V
220kHz typ.
Approvals and
TÜV Product Service
standards (See Note 8)
UL/cUL60950
Material flammability
UL94V-0
Weight
45g (1.59oz)
MTBF
MIL-HDBK-217F
115,000 hours
Representative model:
1V8 @ 48Vin, 40ºC
100% load, ground benign
BELLCORE 332
591,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient.
-40°C to +90°C
temperature
Non-operating
-40°C to +125°C
Altitude derating
3,000m
20%
(above sea level)
10,000m
50%
TÜV


Similar Part No. - EXB100

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
EXB100 EMERSON-NETWORKPOWER-EXB100 Datasheet
407Kb / 2P
100 W DC-DC Isolated Converters
EXB100-48S05J EMERSON-NETWORKPOWER-EXB100-48S05J Datasheet
407Kb / 2P
100 W DC-DC Isolated Converters
EXB100-48S3V3-RJ EMERSON-NETWORKPOWER-EXB100-48S3V3-RJ Datasheet
407Kb / 2P
100 W DC-DC Isolated Converters
More results

Similar Description - EXB100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RXL-02T050 BEL-0RXL-02T050 Datasheet
113Kb / 5P
ISOLATED DC/DC CONVERTERS
XRSB-50R08X BEL-XRSB-50R08X Datasheet
185Kb / 7P
ISOLATED DC/DC CONVERTERS
logo
Murata Manufacturing Co...
MDC_UCE MURATA-MDC_UCE Datasheet
281Kb / 16P
Isolated, High-Density, Eighth-Brick 100W DC/DC Converters
logo
Bel Fuse Inc.
0RCM-55S12X BEL-0RCM-55S12X Datasheet
501Kb / 6P
ISOLATED DC/DC CONVERTERS
logo
Toppower Electronic Tec...
TP100DH TOPPOWER-TP100DH Datasheet
741Kb / 3P
100W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_19 Datasheet
741Kb / 3P
100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V01 Datasheet
254Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP100DH TOPPOWER-TP100DH_V02 Datasheet
780Kb / 3P
100W~200W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Bel Fuse Inc.
0REB-C0T06X BEL-0REB-C0T06X Datasheet
462Kb / 14P
ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com