Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB100 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXB100
Description  54-100W DC/DC Isolated Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB100 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXB100 Datasheet HTML 1Page - Artesyn Technologies EXB100 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit protection
Continuous
Overvoltage protection
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2 input voltage
and current requirements
EXB100 Series
Single output
DC/DC CONVERTERS
54-100W DC/DC Isolated Converters
2
Please consult our website for the following items:
Application Note
Longform Data Sheet
NEW Product
www.artesyn.com
File Name: EXB100S.PDF Rev: 29 March 2002
2.280
±0.02
(57.91
±0.5)
1.900
(48.26)
Ø0.040
±0.002
(Ø1.02
±0.05)
6 Places
Ø0.080
±0.002
(Ø2.03
±0.05)
2 Places
Max open-frame
converter height
All dimensions in inches (mm)
General tolerance
±0.01in (±0.25mm)
except where specified otherwise
Minimum clearance from
seating plane to
underside components
Remote
ON/OFF
Vin-
Vin+
Vo+
Vo-
Trim
Bottom View
Sense-
Sense+
seating plane
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
TÜV
TÜV Product Service. Certificate No. B 02 02 38572 031
Notes
1
Measured as per recommended set-up. See Application Note 129 for details.
2
di/dt = 0.1A/µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to 0.75
lo max. and 0.75 lo max. to 0.5 lo max.
3
Recommended input fusing is a 5A HRC 200V rated fuse.
4
Measured with external filter. See Application Note 129 for details.
5
Signal line assumed <3m in length.
6
Start-up into resistive load.
7
The EXB100 meets levels A and B conducted emissions with external
components. See Application Note 129 for details.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
Negative remote ON/OFF option also available. Add suffix ‘-R’ to part
number, for example EXB100-48S3V3-R.
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1-Vin
2
No Pin
3
Remote ON/OFF
4+Vin
5
+Vout
6
+Sense
7
Trim
8
-Sense
9
-Vout
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(9)
(MAX.)
(MIN.)
(MAX.)
100W
36-75VDC
6.0VDC
5.0V
0A
20A
91.5%
±0.2%
±0.4%
EXB100-48S05
100W
36-75VDC
3.9VDC
3.3V
0A
30A
90.5%
±0.2%
±0.4%
EXB100-48S3V3
54W
36-75VDC
2.2VDC
1.8V
0A
30A
87.5%
±0.2%
±0.4%
EXB100-48S1V8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com