Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB250 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXB250
Description  Single output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB250 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXB250 Datasheet HTML 1Page - Artesyn Technologies EXB250 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXB250 SERIES
Single output
• High efficiency topology, 90% typical at 3.3V
• Industry standard footprint
• Wide baseplate temperature, -40˚C to +100˚C
(natural convection)
• 90% to 110% output trim
• No minimum load
• Overvoltage protection
• Remote on/off
The EXB250 is a new high efficiency, open frame, isolated 165 Watt converter
series in an industry standard half-brick footprint. The EXB250 delivers very high
output current at low voltages, and excellent useable power density for today's
high end applications. The design takes advantage of open frame construction to
provide a low weight, low thermal impedance baseplate design. The seven
models in the series feature an input voltage range of 33 to 75VDC and are
available in output voltages of 12V, 5V, 3.3V, 2.5V, 1.8V, 1.5V and 1.2V. The output
voltage on each model is adjustable from 90% to 110% of the nominal value.
Typical efficiencies for the models are 90% for the 3.3V, 88% for the 2.5V and 87%
for the 1.8V version. The EXB250 series also has a remote on/off capability.
Overcurrent and overvoltage protection features are included as standard. With full
international safety approval including EN60950 (TÜV Rheinland) and UL/cUL1950,
the EXB250 reduces compliance costs and time to market.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
[ 2 YEAR WARRANTY ]
NEW
Product
TÜV
International Safety Standard Approvals
UL/cUL : UL1950 File No. E135734
TÜV
TÜV Rheinland Certificate No. R2174184
CB Scheme No. US-TUVR-1085
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 2)
Level A
EN55022 (See Note 2)
Level B
Immunity:
ESD air
EN61000-4-2 8kV (NP), 15kV (NP)
ESD contact
EN61000-4-2 6kV ((NP), 8kV (NP)
Radiated field enclosure EN61000-4-3 10V/m (NP)
Conducted (DC power)
EN61000-4-6 10V (NP)
Conducted (signal)
EN61000-4-6 10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational
Input/output
1500VDC
Input/baseplate
1500VDC
Switching frequency
Fixed
400kHz typ.
Approvals and
EN60950 (TÜV Rheinland)
standards (See Note 4)
UL/cUL1950
Material flammability
UL94V-0
Weight
73g (2.6oz)
MTBF
MIL-HDBK-217F
>224,000 hours
@ 40°C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate
-40°C to +100°C
temperature
Non-operating
-40°C to +125°C
OUTPUT SPECIFICATIONS
Voltage adjustability
90% to 110%
Set point accuracy
±1.6% max.
Line regulation
1V2 Model
±0.2% max.
Low line to high line
All other models
±0.1% max.
Load regulation
Full load to min. load
±0.2% max.
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
1.2V, 1.5V, 1.8V. 2.5V
None
and 3.3V models
Ripple and noise
5Hz to 20MHz
60mV pk-pk
20mV rms
Transient response
6% max. deviation
(See Note 1)
150µs recovery to
within total error band
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
33 to 75VDC
Input current
No load
145mA max.
Remote OFF
35mA max.
Input current (max.)
5.7A max. @ Io max.
(See Note 3)
and Vin = 33 to 75V
Input reflected ripple
(See Note 5)
350mA (pk-pk) typ.
Active high remote ON/OFF
(See Note 7)
Logic compatibility
Open collector ref to -input
ON
Open circuit or >4.0VDC
OFF
<1.2VDC
Undervoltage lockout
Power up
32.5V (typ.)
Power down
30.5V (typ.)
Start-up time
Power up
10ms (typ.)
(See Note 6)
Remote ON/OFF
3ms (typ.)


Similar Part No. - EXB250

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
EXB250 EMERSON-NETWORKPOWER-EXB250 Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXB250-48S05J EMERSON-NETWORKPOWER-EXB250-48S05J Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXB250-48S12J EMERSON-NETWORKPOWER-EXB250-48S12J Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXB250-48S1V2J EMERSON-NETWORKPOWER-EXB250-48S1V2J Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
EXB250-48S1V5J EMERSON-NETWORKPOWER-EXB250-48S1V5J Datasheet
94Kb / 3P
72-165 W High Efficiency DC-DC Converters
More results

Similar Description - EXB250

ManufacturerPart #DatasheetDescription
logo
Power-One
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
SINGLE OUTPUT
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
SINGLE OUTPUT
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
Single output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
Single Output
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
Single Output
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com