Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB250 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXB250
Description  Single output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB250 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXB250 Datasheet HTML 1Page - Artesyn Technologies EXB250 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
72 to 165 Watt
High efficiency DC/DC converters
DC/DC CONVERTERS
|
72-165W DC/DC
http://www.artesyn.com
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
PAGE 2
Please consult our website for the following items:
✔ Full Data Sheet ✔ Application Note
Notes
1
di/dt = 0.1A/µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
2
The EXB250 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
See Application Note 119.
3
Recommended input fusing is a 10A HRC 200V rated fuse.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured with no external Pi filter. Significant reduction possible with
external filter. See Application Note 119.
6
Start-up into resistive load.
7
Active low remote On/Off is available. Standard product is active high.
When ordering active low parts, designate with the Suffix '-R', e.g
EXB250-48S3V3-R.
8
When ordering 0.145" pin lengths designate with the Suffix'-N', if the
product is already a '-R' suffix product then the suffix will be '-RN'
9
When ordering 0.110" pin lengths designate with the Suffix'-K', if the
product is already a '-R' suffix product then the suffix will be '-RK
9
8
4
3
2
6
1
5
Ø0.128 [Ø3.25]
(4 PLS)
Ø0.054 [Ø1.37]
(7 PLS)
Ø0.094 [Ø2.39]
(2 PLS)
2.280 [57.91]
2.000
[50.80]
2.400
[60.96]
0.200 [5.08]
0.190 [4.83]
1.900 [48.26]
1.700 [43.18]
1.300 [33.02]
1.000 [25.40]
Recommended Hole Pattern
0.700 [17.78]
0.300 [7.62]
0.000 [0.00]
7
Ø0.080
(2 PLS)
1.700 [43.18]
1.300 [33.02]
1.000 [25.40]
0.700 [17.78]
0.300 [7.62]
0.000 [0.00]
M3x0.5 Threaded
Through (4 PLS)
Ø0.040
(7 PLS)
1
2
3
45
6
7
8
9
0.500 [12.70]
*0.21 [5.33]
ALL DIMENSIONS IN INCHES [mm]
*Standard available pin length.
0.145 (3.68) and 0.110 (2.79)
options also available. (See
Notes 8 and 9 for ordering details).
BOTTOM
VIEW
TOP
VIEW
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit protection
Continuous
Overvoltage protection
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vin
2
Remote On/Off
3
No Function
4-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(7,8,9)
(MAX.)
(MIN.)
(MAX.)
72W
33-75VDC
1.44VDC
1.2V
0A
60A
84.0%
±0.2%
±0.2%
EXB250-48S1V2
90W
33-75VDC
1.8VDC
1.5V
0A
60A
85.5%
±0.1%
±0.2%
EXB250-48S1V5
108W
33-75VDC
2.2VDC
1.8V
0A
60A
87.0%
±0.1%
±0.2%
EXB250-48S1V8
150W
33-75VDC
3.0VDC
2.5V
0A
60A
88.0%
±0.1%
±0.2%
EXB250-48S2V5
165W
33-75VDC
4.0VDC
3.3V
0A
50A
90.0%
±0.1%
±0.2%
EXB250-48S3V3
165W
33-75VDC
6.0VDC
5.0V
0A
33A
91.7%
±0.1%
±0.2%
EXB250-48S05
165W
33-75VDC
14.4VDC
12.0V
0A
13.75A
92.0%
±0.1%
±0.2%
EXB250-48S12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com