Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F573
Description  Octal transparent latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F573 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F573 Datasheet HTML 3Page - NXP Semiconductors 74F573 Datasheet HTML 4Page - NXP Semiconductors 74F573 Datasheet HTML 5Page - NXP Semiconductors 74F573 Datasheet HTML 6Page - NXP Semiconductors 74F573 Datasheet HTML 7Page - NXP Semiconductors 74F573 Datasheet HTML 8Page - NXP Semiconductors 74F573 Datasheet HTML 9Page - NXP Semiconductors 74F573 Datasheet HTML 10Page - NXP Semiconductors 74F573 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74F573/74F574
Latch/flip-flop
1989 Oct 16
7
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform
NO TAG
3.0
1.0
5.5
3.5
8.0
6.0
2.5
1.0
9.0
7.0
ns
tPLH
tPHL
Propagation delay
E to Qn
Waveform
NO TAG
4.5
3.0
8.5
5.0
11.5
7.0
4.0
2.5
12.5
8.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F573
Waveform
NO TAG
Waveform
NO TAG
2.5
2.5
5.5
5.5
9.5
8.0
2.0
2.0
10.5
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform
NO TAG
Waveform
NO TAG
1.0
1.0
3.0
2.5
6.0
5.5
1.0
1.0
6.5
5.5
ns
fMAX
Maximum Clock frequency
Waveform
NO TAG
160
180
150
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform
NO TAG
3.5
3.5
5.0
5.0
7.5
7.5
3.0
3.0
8.0
8.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F574
Waveform
NO TAG
Waveform
NO TAG
2.5
3.0
4.5
5.0
7.5
8.0
2.0
3.0
7.5
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform
NO TAG
Waveform
NO TAG
1.0
1.0
3.0
2.5
5.5
5.5
1.0
1.0
6.0
6.0
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time,
Dn to E
Waveform 4
0.0
1.5
0.0
2.0
ns
th(H)
th(L)
Hold time,
Dn to E
74F573
Waveform 4
2.5
4.0
2.5
4.0
ns
tw(H)
E pulse width,
High
Waveform NO TAG
3.0
3.5
ns
ts(H)
ts(L)
Setup time,
Dn to CP
Waveform NO TAG
2.5
2.5
3.0
3.0
ns
th(H)
th(L)
Hold time,
Dn to CP
74F574
Waveform NO TAG
0
0
0
0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform NO TAG
3.0
3.5
3.0
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com