Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F573 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F573
Description  Octal transparent latch 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F573 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F573 Datasheet HTML 4Page - NXP Semiconductors 74F573 Datasheet HTML 5Page - NXP Semiconductors 74F573 Datasheet HTML 6Page - NXP Semiconductors 74F573 Datasheet HTML 7Page - NXP Semiconductors 74F573 Datasheet HTML 8Page - NXP Semiconductors 74F573 Datasheet HTML 9Page - NXP Semiconductors 74F573 Datasheet HTML 10Page - NXP Semiconductors 74F573 Datasheet HTML 11Page - NXP Semiconductors 74F573 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F573/74F574
Latch/flip-flop
1989 Oct 16
8
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
tW(H)
E, CP
Qn
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPLH
tPHL
SF01081
Waveform 1. Propagation Delay, Clock and Enable Inputs
to Output, Enable, Clock Pulse Widths,
and Maximum Clock Frequency
VM
VM
VM
tPHL
Dn
VM
tPLH
SF01082
Qn
Waveform 2. Propagation Delay for Data to Outputs
th(H)
ts(H)
CP
SF00191
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
Dn
Waveform 3. Data Setup and Hold Times
E
Dn
VM
VM
VM
VM
VM
VM
ts(L)
ts(H)
th(L)
th(H)
SF00992
Waveform 4. Data Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OE
Qn
SF00343
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
Qn
OE
SF00344
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com