Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0805Y393DZGALTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C0805Y393DZGALTU
Description  Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805Y393DZGALTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C0805Y393DZGALTU Datasheet HTML 4Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 5Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 6Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 7Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 8Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 9Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 10Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 11Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1126_C0G_HV_FF-CAP_SMD • 2/16/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric,
500 – 3,000 VDC (Commercial & Automotive Grade)
Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont.
These products are protected under US Patent 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts.
Capacitance Capacitance
Code
Case Size/
Series
C1812Y
C1825Y
C2220Y
C2225Y
Voltage Code C
B
D
F
G
Z H
C
B
D
F
G
Z H
C
B
D
F
G
Z H
C
B
D
F
G
Z H
Rated Voltage
(VDC)
Capacitance
Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
470 pF
471
F G J K M GB GB GB GB GD GK
HE HE HE HE HE HE HJ JE JE JE JE JE JK JL KF KF KF KF KE KE KF
510 pF
511
F G J K M GB GB GB GD GH GM
HE HE HE HE HG HE HJ JK JK JK JK JK JK JL KF KF KF KF KE KE KF
560 pF
561
F G J K M GB GB GB GD GH GM
HE HE HE HE HG HE HJ JK JK JK JK JK JK JL KF KF KF KF KE KE KF
620 pF
621
F G J K M GB GB GB GD GH GO
HE HE HE HE HG HG HK JE JE JE JK JK JK JL KF KF KF KF KE KF KH
680 pF
681
F G J K M GB GB GB GD GH GO
HE HE HE HE HG HG HK JE JE JE JK JK JK JL KF KF KF KF KE KF KH
750 pF
751
F G J K M GB GB GB GD GK
HE HE HE HG HG HG
JE JE JE JK JK JK JN KE KE KE KF KE KF KJ
820 pF
821
F G J K M GB GB GB GD GK
HE HE HE HG HG HG
JE JE JE JK JK JK JN KE KE KE KF KE KF KJ
910 pF
911
F G J K M GB GB GB GH GM
HE HE HE HG HG HG
JK JK JK JK JK JK JN KE KE KE KF KE KF KJ
1,000 pF
102
F G J K M GB GB GB GH GM
HE HE HE HG HG HG
JK JK JK JK JK JK JN KE KE KE KF KE KF KJ
1,100 pF
112
F G J K M GB GB GB GH GO
HE HE HE HG HG HJ
JK JK JK JK JK JL
KE KE KE KF KF KF
1,200 pF
122
F G J K M GB GB GB GH GO
HE HE HE HG HG HJ
JK JK JK JK JK JL
KE KE KE KF KF KF
1,300 pF
132
F G J K M GB GB GB GH GO
HE HE HE HG HE HK
JK JK JK JK JE JL
KE KE KE KF KF KH
1,500 pF
152
F G J K M GB GB GB GH GO
HE HE HE HG HE HK
JK JK JK JK JE JL
KE KE KE KF KF KH
1,600 pF
162
F G J K M GD GD GD GM
HG HG HG HG HG
JK JK JK JK JE JN
KE KE KE KF KE KH
1,800 pF
182
F G J K M GD GD GD GM
HG HG HG HG HG
JK JK JK JK JE JN
KE KE KE KF KE KH
2,000 pF
202
F G J K M GH GH GH GO
HG HG HG HE HJ
JK JK JK JE JK
KE KE KE KF KF KJ
2,200 pF
222
F G J K M GH GH GH GO
HG HG HG HE HJ
JK JK JK JE JK
KE KE KE KF KF KJ
2,400 pF
242
F G J K M GK GK GK GO
HG HG HG HE HK
JK JK JK JE JL
KE KE KE KE KH
2,700 pF
272
F G J K M GK GK GK GO
HG HG HG HE HK
JK JK JK JE JL
KE KE KE KE KH
3,000 pF
302
F G J K M GK GK GK
HG HG HG HG HK
JK JK JK JK JN
KE KE KE KE KJ
3,300 pF
332
F G J K M GK GK GK
HG HG HG HG HK
JK JK JK JK JN
KE KE KE KE KJ
3,600 pF
362
F G J K M GM GM GM
HG HG HG HJ
JK JK JK JK JN
KF KF KF KF KJ
3,900 pF
392
F G J K M GM GM GM
HG HG HG HJ
JK JK JK JK JN
KF KF KF KF KJ
4,300 pF
432
F G J K M GO GO GO
HG HG HG HJ
JK JK JK JL
KF KF KF KH
4,700 pF
472
F G J K M GO GO GO
HG HG HG HJ
JK JK JK JL
KF KF KF KH
5,100 pF
512
F G J K M GO GO GO
HG HG HG HK
JK JK JK JN
KF KF KF KH
5,600 pF
562
F G J K M GO GO GO
HG HG HG HK
JK JK JK JN
KF KF KF KH
6,200 pF
622
F G J K M
HJ HJ HJ
JK JK JK JN
KF KF KF KJ
6,800 pF
682
F G J K M
HJ HJ HJ
JK JK JK JN
KF KF KF KJ
7,500 pF
752
F G J K M
HJ HJ HJ
JL JL JL
KF KF KF
8,200 pF
822
F G J K M
HJ HJ HJ
JL JL JL
KF KF KF
9,100 pF
912
F G J K M
HK HK HK
JL JL JL
KH KH KH
10,000 pF
103
F G J K M
HK HK HK
JL JL JL
KH KH KH
12,000 pF
123
F G J K M
JN JN JN
KH KH KH
15,000 pF
153
F G J K M
KJ KJ KJ
Capacitance
Capacitance
Code
Rated Voltage
(VDC)
Voltage Code C
B
D
F
G
Z H
C
B
D
F
G
Z H
C
B
D
F
G
Z H
C
B
D
F
G
Z H
Case Size/
Series
C1812Y
C1825Y
C2220Y
C2225Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com