Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0805Y393DZGALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805Y393DZGALTU
Description  Floating Electrode (FF-CAP), High Voltage with Flexible Termination C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805Y393DZGALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805Y393DZGALTU Datasheet HTML 1Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 2Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 3Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 4Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 5Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 6Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 7Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 8Page - Kemet Corporation C0805Y393DZGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1126_C0G_HV_FF-CAP_SMD • 2/16/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Built Into Tomorrow
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Floating Electrode (FF-CAP), High Voltage with
Flexible Termination C0G Dielectric, 500 – 3,000 VDC
(Commercial & Automotive Grade)
Overview
KEMET’s Floating Electrode (FE-CAP) high voltage multilayer
ceramic capacitor in C0G dielectric utilizes a cascading
/ serial electrode design configured to form multiple
capacitors in series within a single monolithic structure.
This unique configuration results in enhanced voltage and
ESD performance over standard capacitor designs while
allowing for a fail-open condition if mechanically damaged
(cracked). If damaged, the device may experience a drop in
capacitance but a short is unlikely. The FE-CAP is designed
to reduce the likelihood of a low IR or short circuit condition
and the chance for a catastrophic and potentially costly
failure event.
KEMET’s Floating Electrode High Voltage with Flexible
Termination (HV FT-CAP) surface mount MLCCs in C0G
dielectric address the primary failure mode of MLCCs – flex
cracks. These devices utilize a pliable and conductive silver
epoxy between the base metal and nickel barrier layers of
the termination system which inhibits the transfer of board
stress to the rigid ceramic body, therefore mitigating flex
cracks which can result in low IR or short circuit failures.
Flexible termination technology provides superior flex
performance over standard termination systems.
C0G (NP0) dielectric capacitors exhibit no change in
capacitance with respect to time and voltage and boasts a
negligible change in capacitance with reference to ambient
temperature. Capacitance change is limited to ±30 ppm/°C
from −55°C to +125°C.
Whether under-hood or in-cabin, these capacitors are designed
to provide reliable performance in mission and safety
critical automotive circuits. Stricter testing protocol and
inspection criteria have been established for automotive grade
products in recognition of potentially harsh environmental
conditions. KEMET automotive grade series capacitors meet
the demanding Automotive Electronics Council's AEC-Q200
qualification requirements.
Ordering Information
C
2225
Y
393
J
C
G
A
C
TU
Ceramic
Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination Finish1
Packaging/
Grade (C-Spec)
0805
1206
1210
1808
1812
1825
2220
2225
Y = Floating
Electrode
with
Flexible
Termination
Two significant
digits and
number of
zeros
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
G = C0G
A = N/A
C = 100% Matte Sn
L = SnPb (5% Pb
minimum)
See
"Packaging
C-Spec
Ordering
Options
Table"
1
Additional termination finish options may be available. Contact KEMET for details.
1
SnPb termination finish option is not available on automotive grade product.


Similar Part No. - C0805Y393DZGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805Y332KDRACAUTO KEMET-C0805Y332KDRACAUTO Datasheet
284Kb / 1P
SMD X7R HV AUTO FF, Ceramic, 3300 pF, 10%, 1000 VDC, X7R, SMD, MLCC, Floating Electrode, Automotive Grade, 0805
11/14/2022
C0805Y333K5RACAUTO KEMET-C0805Y333K5RACAUTO Datasheet
72Kb / 1P
SMD Auto X7R FF, Ceramic, Floating Electrode, 0.033 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FF-CAP, Floating Electrode, Automotive Grade
More results

Similar Description - C0805Y393DZGALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210S332JCGACTU KEMET-C1210S332JCGACTU Datasheet
797Kb / 23P
Floating Electrode (FE-CAP), High Voltage C0G Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
1/25/2023
C1210Y154KCRACTU KEMET-C1210Y154KCRACTU Datasheet
929Kb / 25P
Floating Electrode (FF-CAP), High Voltage with Flexible Termination X7R Dielectric, 500 – 3,000 VDC (Commercial & Automotive Grade)
2/16/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com