Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7020TA-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP7020TA-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7020TA-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP7020TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SRP7020TA Series - Shielded Power Inductors
Features
n
Shielded construction for low radiation
n
Metal powder core
n
High saturation current
n
Low buzz noise
n
AEC-Q200 compliant
n
RoHS compliant* and halogen free**
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 kHz / 1 V
Q
Typ.
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L
(µH) Tol. (%)
SRP7020TA-R10Y
0.10
± 30
6
180
2
2.4
21
40
SRP7020TA-R20Y
0.20
± 30
15
165
2.5
3
18
35
SRP7020TA-R33M
0.33
± 20
15
100
4.5
5
14
25
SRP7020TA-R47M
0.47
± 20
15
83
7.1
8.3
11.7
20
SRP7020TA-R68M
0.68
± 20
15
66
8.3
10
10.5
16
SRP7020TA-1R0M
1.0
± 20
15
58
16.5
18
8
14
SRP7020TA-1R5M
1.5
± 20
15
46
23
27
7
12
SRP7020TA-2R2M
2.2
± 20
15
36
32
37
6
10
SRP7020TA-3R3M
3.3
± 20
15
26
43
48
5
8
SRP7020TA-4R7M
4.7
± 20
15
22
53
60
4.5
7
SRP7020TA-5R6M
5.6
± 20
15
20
59
68
4
6
SRP7020TA-6R8M
6.8
± 20
15
19
63
73
4
5.5
SRP7020TA-8R2M
8.2
± 20
15
17
101
116
3.2
5
SRP7020TA-100M
10.0
± 20
15
13
134
154
2.8
4
General Specifications
Operating Temperature
................................ -55 °C to +150 °C
(Temperature rise included)
Storage Temperature
................................ -55 °C to +150 °C
Rated Current
............. Inductance drops 20 % at Isat
Temperature Rise .... 40 °C at rated Irms1
Moisture Sensitivity Level......................1
ESD Classification (HBM)..................N/A
Note 1: Circuit design, component, PCB trace size
and thickness, airflow and other cooling provisions all
affect the part temperature. Part temperature should be
verified in the end application.
Materials
Core...........................Metal alloy powder
Wire .............................Enameled copper
Terminal Finish ................................... Sn
Packaging...... 1500 pcs. per 13-inch reel
Product Dimensions
1R0
2035
6.6 ± 0.3
(.260 ± .012)
6.6 ± 0.3
(.260 ± .012)
1.8 ± 0.2
(.071 ± .008)
1.8 ± 0.3
(.071 ± .012)
3.0 ± 0.3
(.118 ± .012)
7.0 ± 0.3
(.276 ± .012)
Recommended Layout
7.7
(.303)
2.5
(.098)
3.5
(.138)
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm www.P65Warnings.ca.gov
Schematic
16.9 ± 0.3
(.666 ± .012)
17.3 ± 0.4
(.681 ± .016)
6.7 ± 0.3
(.264 ± .012)
16.9 ± 0.3
(.666 ± .012)
11.9 ± 0.3
(.469 ± .012)
2.1 ± 0.3
(.083 ± .012)
101
1510
18.5
(.728)
12.2
(.480)
12.5
(.492)
0 ~+ 0.25
(0 ~+ .010)
How to Order
SRP7020TA - 100 M
Model
Value Code (see table)
Tolerance Code
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT


Similar Part No. - SRP7020TA-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP7028A BOURNS-SRP7028A Datasheet
527Kb / 4P
Shielded Power Inductors
SRP7028A-100M BOURNS-SRP7028A-100M Datasheet
403Kb / 4P
Shielded Power Inductors
SRP7028A-100M BOURNS-SRP7028A-100M Datasheet
527Kb / 4P
Shielded Power Inductors
SRP7028A-150M BOURNS-SRP7028A-150M Datasheet
403Kb / 4P
Shielded Power Inductors
SRP7028A-150M BOURNS-SRP7028A-150M Datasheet
527Kb / 4P
Shielded Power Inductors
More results

Similar Description - SRP7020TA-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com