Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7020TA-R33M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP7020TA-R33M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7020TA-R33M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP7020TA-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP7020TA-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP7020TA Series - Shielded Power Inductors
L vs. I Charts
SRP7020TA-R10Y
SRP7020TA-R47M
SRP7020TA-1R5M
SRP7020TA-4R7M
SRP7020TA-8R2M
0.2
0.16
0.12
0.08
0.04
0
0.8
0.6
0.4
0.2
0
150
120
90
60
30
0
3
2.4
1.8
1.2
0.6
0
8
6
4
2
0
16
12
8
4
0
0
10
20
30
40
DC Current (A)
0
5
10
15
20
DC Current (A)
0
3
6
9
12
DC Current (A)
0
1.75
3.5
5.25
7
DC Current (A)
0
1
2
3
4
5
DC Current (A)
0
4.5
9
13.5
18
DC Current (A)
0
2
4
6
8
10
DC Current (A)
0
1.5
3
4.5
6
DC Current (A)
0
0.9
1.8
2.7
3.6
4.5
DC Current (A)
100
75
50
25
0
100
80
60
40
20
0
100
75
50
25
0
80
60
40
20
0
100
75
50
25
0
100
75
50
25
0
100
80
60
40
20
0
80
60
40
20
0
SRP7020TA-R20Y
SRP7020TA-R33M
SRP7020TA-R68M
SRP7020TA-2R2M
SRP7020TA-5R6M
SRP7020TA-100M
0.35
0.28
0.21
0.14
0.07
0
100
80
60
40
20
0
0.40
0.32
0.24
0.16
0.08
0
1.2
0.9
0.6
0.3
0
4
3
2
1
0
10
8
6
4
2
0
20
15
10
5
0
0
9
18
27
36
45
DC Current (A)
0
6
12
18
24
30
DC Current (A)
100
80
60
40
20
0
SRP7020TA-1R0M
SRP7020TA-3R3M
SRP7020TA-6R8M
2
1.5
1
0.5
0
6
4.5
3
1.5
0
12
9
6
3
0
0
4
8
12
16
DC Current (A)
0
2
4
6
8
DC Current (A)
0
1.1
2.2
3.3
4.4
5.5
DC Current (A)
120
90
60
30
0
100
75
50
25
0
80
60
40
20
0
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications.
The products described herein and this document are
subject to specific legal disclaimers as set forth on the
last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com