Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4083 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4083
Description  3D Active Long Range Front-End
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4083 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4083 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4083
Copyright
 2003, EM Microelectronic-Marin SA
Subject to change without notice
Rev. A/xxx, 06/03
Phone: +41.32.755-5111, Fax: +41.32.755-5403
www.emmicroelectronic.com
info@emmicroelectronic.com
3D Active Long Range Front-End
General Description
The EM4083 is a CMOS integrated circuit intended for
hands-free or multidimensional wireless communication
systems at 125kHz.
It integrates a high sensitivity low frequency AM receiver
together with digital functions accessible through a Serial
Standard Interface.
EM4083 provides a wake-up signal to an external
microcontroller upon reception of a valid programmable
header and then a high-speed data transfer and decoding for
long range applications at 125kHz.
Applications
Keyless entry systems
Tire pressure systems
Intelligent sensors
Intelligent access control
Pinout
Key Features
115kHz –140kHz Frequency Bandwidth
3 antennas interface for 3D reception
Ultra low current consumption
< 2µA
High sensitivity (1mVpp)
More than 2.5m distance in typical applications.
32x16 bits EEPROM (432 bits user memory).
On Chip capacitors for antenna tuning
On Chip resistor for Antenna Quality Factor tuning
4 wires Microcontroller Serial interface (SPI).
8 bits (EEPROM programmable) Header detection.
Manchester data decoder (data rate 4Kbd).
Data transmission performed by 100% amplitude
modulation (OOK) in Up-Link.
-40°C to +85°C Temperature range.
3V power supply battery
TSSOP16 package.
& BENEFITS
Long and accurate communication range
Extended battery life of the system
Accurate Antenna Tuning using the Receive Strength
Signal Indicator function
Minimal use of external components
Typical Application
EM4083
Microcontroller
EM6640
or
EM6812
Wakeup n
ASK
ss_n
SI
Sclk
So
IRQ
V
Bat
V
SS
V
Filt
RF
Emitter
LF
Transmitter
Control
Unit
RF
Receiver
HF Downlink
LF Uplink
(up to 2.5m)
EM MICROELECTRONIC - MARIN SA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vss
SO
ASK
Wakeup_n
RSSI
Coil3b
Coil3a
Coil2b
Sclk
Si / Reset
SS_n
Vbat
Vilt
Coil1a
Coil1b
Coil2a


Similar Part No. - EM4083

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results

Similar Description - EM4083

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
PMU For Active Shutter 3D Glasses
JUNE2011
TPS65735 TI1-TPS65735_16 Datasheet
1Mb / 39P
PMU for Active Shutter 3D Glasses
logo
Dorji Industrial Group ...
DRF1262G DORJI-DRF1262G Datasheet
314Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1268T DORJI-DRF1268T Datasheet
354Kb / 6P
22dBm LoRa Long Range RF Front-end Module
DRF1272F DORJI-DRF1272F Datasheet
232Kb / 6P
20dBm LoRa Long Range RF Front-end Module
DRF1276G DORJI-DRF1276G Datasheet
592Kb / 12P
20dBm LoRa Long Range RF Front-end Module
DRF1278F DORJI-DRF1278F Datasheet
344Kb / 6P
20dBm LoRa Long Range RF Front-end Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com