Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4100 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM4100
Description  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM4100 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
EM4100
Memory Array for Manchester & Bi-Phase encoding ICs
The EM4100 contains 64 bits divided in five groups of
information. 9 bits are used for the header, 10 row parity
bits (P0-P9), 4 column parity bits (PC0-PC3), 40 data bits
(D00-D93), and 1 stop bit set to logic 0.
1
1
1
1
1
1
1
1
1
9 header bits
8 version bits or
D00
D01 D02 D03
P0
customer ID
D10
D11 D12 D13
P1
D20
D21 D22 D23
P2
32 data bits
D30
D31 D32 D33
P3
D40
D41 D42 D43
P4
D50
D51 D52 D53
P5
D60
D61 D62 D63
P6
D70
D71 D72 D73
P7
D80
D81 D82 D83
P8
D90
D91 D92 D93
P9
10 line parity
PC0
PC1 PC2 PC3 S0
bits
4 column parity bits
The header is composed of the 9 first bits which are all
mask programmed to "1".
Due to the data and parity
organisation, this sequence cannot be reproduced in the
data string. The header is followed by 10 groups of 4 data
bits allowing 100 billion combinations and 1 even row parity
bit. Then, the last group consists of 4 event column parity
bits without row parity bit. S0 is a stop bit which is written to
"0"
Bits D00 to D03 and bits D10 to D13 are customer specific
identification.
These 64 bits are outputted serially in order to control the
modulator. When the 64 bits data string is outputted, the
output sequence is repeated continuously until power goes
off.
Memory Array for PSK encoding ICs
The PSK coded IC's are programmed with odd parity for P0
and P1 and always with a logic zero.
The parity bits from P2 to P9 are even.
The column parity PC0 to PC3 are calculated including the
version bits and are even parity bits.
Code Description
Manchester
There is always a transition from ON to OFF or from OFF
to ON in the middle of bit period. At the transition from
logic bit “1” to logic bit “0” or logic bit “0” to logic bit “1” the
phase change. Value high of data stream presented below
modulator
switch
OFF,
low
represents
switch
ON
(see Fig. 6).
Biphase Code
At the beginning of each bit, a transition will occur. A logic
bit “1” will keep its state for the whole bit duration and a
logic bit “0” will show a transition in the middle of the bit
duration (see Fig. 7).
PSK Code
Modulation switch goes ON and OFF alternately every
period of carrier frequency. When a phase shift occurs, a
logical "0" is read from the memory. If no shift phase
occurs after a data rate cycle, a logical "1" is read
(see Fig. 8).
Manchester Code
X
1
1
1
1
1
1
1
1
1
0
1
0
1
0
0
0
1
1
0
Modulation control "low" means high current
Binary data
Memory output
Modulator control
Fig. 6
Copyright © 2004, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
Biphase Code
0
110
1
001
Binary data
Memory output
Modulator control
Modulation control "low" means high current
Fig. 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com