Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4100 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4100
Description  Read Only Contactless Identification Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4100 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

  EM4100 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4100 Datasheet HTML 9Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
R
EM4100
Ordering Information
Packaged Devices
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
B5 = Bi-phase, 32 clocks per bit
C4 = PSK, 16 clocks per bit
Package/Card & Delivery Form:
CI2LC = CID Pack, 2 pins (length 2.5mm), in bulk
CI2LB = CID Pack, 2 pins (length 2.5mm), in tape & reel
CB2RC = PCB Package, 2 pins, in bulk
CI2LC
%%%
EM4100 A6
Die Form
This chart shows general offering; for detailed Part Number to order, please see the table “Standard Versions” below.
-
Version:
Customer Version:
A6 = Manchester, 64 clocks per bit
%%% = only for custom specific version
A5 = Manchester, 32 clocks per bit
B6 = Bi-phase, 64 clocks per bit
Bumping:
B5 = Bi-phase, 32 clocks per bit
" " (blank) = no bumps
C4 = PSK, 16 clocks per bit
E = with Gold Bumps (note 2)
Die form:
Thickness:
WW = Wafer
7 = 7 mils (178um)
WS = Sawn Wafer/Frame
11 = 11 mils (280um)
WT = Sticky Tape
27 = 27 mils (686um)
WP = Waffle Pack (note 1)
E
%%%
EM4100 A6 WS 11
Remarks:
For ordering please use table of “Standard Version” table below.
For specifications of Delivery Form, including gold bumps, tape and bulk, as well as possible other delivery form or
packages, please contact EM Microelectronic-Marin S.A.
Note 1:
This is a non-standard package. Please contact EM Microelectronic-Marin S.A for availability.
Note 2 :
Direct connection using this version is subject to license. Please contact i
nfo@emmicroelectronic.com
Copyright © 2004, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com