Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4170 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Packages
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
J
K
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A8.2
8.5
8.8
B3.8
4.0
4.2
D5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R0.4
0.5
0.6
Fig. 19
Fig. 20
Ordering Information
Part Number
Bit Coding
Cycle
Bit
Package / Die Form
Delivery Form /
Bumping
EM4170A5WW11
Manchester
32
unsawn wafer, 11mils thickness
No bump
EM4170A5WW11E
Manchester
32
unsawn wafer, 11mils thickness
Gold bumps
EM4170A5WS7
Manchester
32
sawn wafer on frame, 7mils thickness
No bump
EM4170A5WT11E
Manchester
32
die on sticky tape, 11mils thickness
Gold bumps
EM4170A5CI2LB
Manchester
32
CID package, 2 pins (length 2.5mm)
Tape
EM4170A5CB2RC
Manchester
32
PCB package
Bulk
For other packages, please contact EM Sales
Product Support
Check our Web Site under Products/RF Identification section.
Questions can be sent to
cid@emmicroelectronic.com
A special development kit exists with embedded co-crypt processor. This tool is mandatory to use authentication
command.
EM Microelectronic-Marin SA cannot assume responsibility for use of any circuitry described other than circuitry entirely embodied in an
EM Microelectronic-Marin SA product. EM Microelectronic-Marin SA reserves the right to change the circuitry and specifications without
notice at any time. You are strongly urged to ensure that the information given has not been superseded by a more up-to-date version.
© EM Microelectronic-Marin SA, 03/02 Rev. B/424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com