Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4170 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4170
Description  125kHz CRYPTO READ/WRITE Contactless Identification Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4170 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4170 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4170 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EM4170
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
125kHz CRYPTO READ/WRITE Contactless Identification Device
Description
The EM4170 is a CMOS integrated circuit intended for
use in electronic Read/Write RF Transponders. The chip
contains an implementation of a crypto-algorithm with 96
Bits of user configurable secret-key contained in
EEPROM. It also provides a unique Device Identification
of 32 bits that can never be modified as well as 94 bits of
freely programmable USER-MEMORY. Bits 15 and 14
of word 1 are used as Lock-Bits. The memory can only
be accessed for writing or erasing if these two bits have
the contents "x0" as when they are delivered.
The memory can be unlocked by using the PIN-code
command. In that case, the lock-bits are reset from the
value "x1" to the value "x0".
The EM4170 transmits data to the transceiver by
modulating the amplitude of the electromagnetic field,
and receives data and commands in a similar way.
The coil of the tuned circuit is the only external
component required, all remaining functions
are
integrated in the chip.
Features
•
On Chip Crypto-Algorithm
•
Two Way Authentication
•
96 bits of Secret-Key in EEPROM (unreadable)
•
32 bits of fix Device Identification
•
32 bits of PIN code (unreadable)
•
94 bits of USER_MEMORY (UM) with read access
(OTP)
•
Secret-Key programmable via CID-Interface
•
Lock-Bits to inhibit programming
•
Data
Transmission
performed
by
Amplitude
Modulation
•
Bit Period = 32 periods of carrier frequency
•
200pF on chip Resonant Capacitor (untrimmed)
•
-40 to +85°C Temperature range
•
100 kHz to 150 kHz Field Frequency
•
On chip Rectifier and Voltage Limiter
•
No external supply buffer capacitance needed due
to low power consumption
Typical Applications
• Anti-counterfeiting
• High security hands-free access control
Typical Operating Configuration
Fig. 1
COIL1
EM4170
L
Typical value for inductance L is 8mH at fO = 125 KHz
COIL2
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4170

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CB2RC EMMICRO-EM4100A5CB2RC Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CI2LB EMMICRO-EM4100A5CI2LB Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5CI2LC EMMICRO-EM4100A5CI2LC Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4100A5WP11 EMMICRO-EM4100A5WP11 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
More results

Similar Description - EM4170

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5561 ATMEL-E5561 Datasheet
390Kb / 26P
Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
logo
ATMEL Corporation
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
Standard Read/Write Crypto Identification IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com