Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F64 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F64
Description  4-2-3-2-input AND-OR-invert gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F64 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F64 Datasheet HTML 1Page - NXP Semiconductors 74F64 Datasheet HTML 2Page - NXP Semiconductors 74F64 Datasheet HTML 3Page - NXP Semiconductors 74F64 Datasheet HTML 4Page - NXP Semiconductors 74F64 Datasheet HTML 5Page - NXP Semiconductors 74F64 Datasheet HTML 6Page - NXP Semiconductors 74F64 Datasheet HTML 7Page - NXP Semiconductors 74F64 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F64
4-2-3-2-input AND-OR-invert gate
2
1996 Mar 14
853–0334 16574
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F64
4.0ns
2.5mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG. DWG. #
14-pin plastic DIP
N74F64N
SOT27-1
14-pin plastic SO
N74F64D
SOT108-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
Dk
Dj
Q
Df
Dd
De
Dc
Da
Di
Db
Dg
Dh
SF00094
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dn
Data inputs
1.0/1.0
20
µA/0.6mA
Q
Data output
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
Q
8
3
1
13
12
11
4
5
6
VCC = Pin 14
GND = Pin 7
SF00095
2
9
10
Da
Db
Dc
Dd
De
Df
Dg
Dh
Di
Dj
Dk
IEC/IEEE SYMBOL
SF00096
1
8
2
3
1
13
12
11
4
5
6
9
&
&
&
&
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com