Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F64 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F64
Description  4-2-3-2-input AND-OR-invert gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F64 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F64 Datasheet HTML 1Page - NXP Semiconductors 74F64 Datasheet HTML 2Page - NXP Semiconductors 74F64 Datasheet HTML 3Page - NXP Semiconductors 74F64 Datasheet HTML 4Page - NXP Semiconductors 74F64 Datasheet HTML 5Page - NXP Semiconductors 74F64 Datasheet HTML 6Page - NXP Semiconductors 74F64 Datasheet HTML 7Page - NXP Semiconductors 74F64 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F64
4-2-3-2-input AND-OR-invert gate
1996 Mar 14
3
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SF00097
1
13
12
9
10
Dc
Dd
De
Dj
Dk
Q
8
4
5
6
Dg
Dh
Di
2
3
Da
Db
11
Df
FUNCTION TABLE
INPUTS
OUTPUT
Da
Db
Dc
Dd
De
Df
Dg
Dh
Di
Dj
Dk
Q
H
H
X
X
X
X
X
X
X
X
X
L
X
X
HHH
H
X
X
X
X
X
L
X
X
XXX
X
H
H
H
XX
L
X
X
XXX
XXX
X
H
H
L
All other combinations
H
NOTES:
1. H = High voltage level
2. L = Low voltage level
3. X = Don’t care
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com