Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFS110
Description  80-110W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS110 Datasheet(HTML) 2 Page - Artesyn Technologies

  NFS110 Datasheet HTML 1Page - Artesyn Technologies NFS110 Datasheet HTML 2Page - Artesyn Technologies NFS110 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Convection cooled, 80W maximum.
2
Peak outputs lasting less than 60 seconds with duty cycle less than 10%.
Total peak power must not exceed 110W.
3
Forced air, 20CFM at 1 atmosphere, 110W maximum.
4
Figure is peak-to-peak. Output ripple is measured across a 50MHz
bandwidth using a 12 inch twisted pair terminated with a 47µF capacitor.
5
Total regulation is defined as the static output regulation at 25°C, including
initial tolerance, line voltage within stated limits and output voltages
adjusted to their factory settings.
6
To achieve stated regulation on the 24V output on the NFS110-7602P, the
following load condition must be true: IA / IB ≤ 5, where:
IA = +5.1V output current, and
IB = +24V output current
The +24V output will maintain ±5.0% regulation under the following
additional condition: IA ≤ 5A.
7
Single output models have floating outputs which may be referenced as
either positive or negative. Higher voltage supplies may be adjusted over a
wide output voltage range, as long as the total output power does not
exceed 80 Watts (natural convection) or 110 Watts (forced air).
8
Power fail detect not available on single output models.
9
Derating curve is application specific for ambient temperatures >50°C, for
optimum reliability no part of the heatsink should exceed 90oC and no
semiconductor case temperature should exceed 100oC.
10 Caution: Allow a minimum of 1 second after disconnecting the power when
making thermal measurements.
11 Three orthogonal axes, random vibration, 10 minute test for each axis.
12 This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
13 Artesyn Technologies recommends a minimum load of 11W to achieve the
design MTBF. See the derating curve on page 3.
NFS110 Series
Single and quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110W AC/DC Universal Input Switch Mode Power Supplies
2
www.artesyn.com
File Name: NFS110.PDF Rev: 01 Jan 2000
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBERS (F)
VOLTAGE
MAX (1)
PEAK (2)
FAN (3)
REGULATION (5)
+5.1V
8.0A
20.0A
10.0A
50mV
±2.0%
NFS110-7601P
+12.0V
4.5A
9.0A
5.0A
120mV
±3.0%
–12.0V
0.5A
1.5A
1.0A
120mV
±3.0%
–5.0V
0.5A
1.5A
1.0A
50mV
±3.0%
+5.1V (IA)
8.0A
20.0A
10.0A
50mV
±2.0%
NFS110-7602P (6)
+24.0V (IB) (6)
3.5A
4.5A
4.5A
240mV
+10/–5.0%
+12.0V
4.5A
9.0A
5.0A
120mV
±3.0%
–12.0V
0.5A
1.5A
1.0A
120mV
±3.0%
+5.1V
8.0A
20A
10A
50mV
±2.0%
NFS110-7604P
+15.0V
4.0A
7.5A
5A
150mV
±3.0%
–15.0V
0.5A
1.5A
1.0A
150mV
±3.0%
–5.0V
0.5A
1.5A
1.0A
50mV
±3.0%
5.1V
16.0A
22.0A
20.0A
50mV
±2.0%
NFS110-7605 (7,8)
12V
7.0A
9.0A
9.0A
120mV
±2.0%
NFS110-7612 (7,8)
15V
5.0A
7.3A
7.3A
150mV
±2.0%
NFS110-7615 (7,8)
24V
3.5A
4.5A
4.5A
240mV
±2.0%
NFS110-7624 (7,8)
TRANSIENT RESPONSE
NFS110-7601P
+5.1V (7.5A to 10A)
150mV peak,
1ms recovery
+12V (2.5A to 5A)
100mV peak,
0.5ms recovery
-12V (0.5A to 1A)
100mV peak,
0.5ms recovery
-5V (0.5A to 1A)
100mV peak,
0.5ms recovery
NFS110-7602P
+5.1V (7.5A to 10A)
150mV peak,
1ms recovery
+24V (1.5A to 3A)
300mV peak,
1ms recovery
+12V (2.5A to 5A)
100mV peak,
0.5ms recovery
-12V (0.5A to 1A)
100mV peak,
0.5ms recovery
NFS110-7604P
+5.1V (7.5A to 10A)
150mV peak,
1ms recovery
+15V (2.5A to 5A)
100mV peak,
0.5ms recovery
-15V (0.5A to 1A)
100mV peak,
0.5ms recovery
-5V (0.5A to 1A)
100mV peak,
0.5ms recovery
NFS110-7605
+5.1V (10A to 20A)
250mV peak,
1ms recovery
NFS110-7612
+12V (4.5A to 9A)
360mV peak,
1ms recovery
NFS110-7615
+15V (3.65A to 7.3A)
450mV peak,
1ms recovery
NFS110-7624
+24V (2.25A to 4.5A)
720mV peak,
1ms recovery



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com