Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFS110 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS110
Description  80-110W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS110 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS110 Datasheet HTML 1Page - Artesyn Technologies NFS110 Datasheet HTML 2Page - Artesyn Technologies NFS110 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AC (J1) mating connector
Molex 09-50-3051 or Molex 09-91-0500 mating connector with 2478 or
equivalent crimp terminals.
DC (J2) mating connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector with 2478 or
equivalent crimp terminals.
ALL DIMENSIONS IN INCHES (mm)
Optional
Power Fail
Detect Circuit
(Key = Pin 2)
Pin 1
6-32 UNC
(4PL)
PIN 1
1.00
±0.005
(25.4)
Voltage Adjust
J2
J1
F1
L1
T1
C6
PIN 1
0.156
DIA. HOLE
(4PL)
5A, 250 VAC
0.475
±0.010
(12.07)
1.55
±0.005
(39.37)
3.35
±0.015 (85.09)
1.80 (45.72) MAX
0.050
±0.020
(1.27)
4.250
±0.020
(107.95)
3.750
±0.005
(95.25)
0.250
±0.010
(6.35)
0.250
±0.010
(6.35)
6.50
±0.005 (165.1)
7.00
±0.020 (177.8)
T1
Power fail detect signal (Note 8)
50ms
≤T1≤200ms
T2 will vary with line and load
T3
≥3ms
Pout: 110W
PFD output is an open collector which
will sink
≤40mA in the low state.
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-0.4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
110W
80W
20 CFM FORCED AIR COOLING
40W
55W
0W
11W
11W MINIMUM LOAD REQUIRED AT 230VAC
NATURAL
CONVECTION
COOLING
0
°C
10
°C
20
°C
30
°C
40
°C
50
°C
60
°C
70
°C
DERATING CURVE (See Notes 9, 10)
Output Power (Watts)
N/C = no connection.
PIN CONNECTIONS
J1
–7601P
–7602P
–7604P
SINGLES
Pin 1
AC Ground
AC Ground
AC Ground
AC Ground
Pin 2
AC Neutral
AC Neutral
AC Neutral
AC Neutral
Pin 3
AC Line
AC Line
AC Line
AC Line
J2
Pin 1
+5.1V
+5.1V
+5.1V
Vout
Pin 2
+5.1V
+5.1V
+5.1V
Vout
Pin 3
+5.1V
+5.1V
+5.1V
Vout
Pin 4
Return
Return
Return
Return
Pin 5
Return
Return
Return
Return
Pin 6
Return
Return
Return
Return
Pin 7
Return
Return
Return
Return
Pin 8
+12V
+12V
+15V
Vout
Pin 9
+12V
+12V
+15V
Vout
Pin 10
PFD
PFD
PFD
N/C
Pin 11
–12V
–12V
–15V
N/C
Pin 12
Removed for Key
Pin 13
–5V
+24V
–5V
N/C
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NFS110 Series
Single and quad output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NFS110.PDF Rev: 01 Jan 2000
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1049
Licence No. 2874, 1653 and 1049
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Mechanical Notes
A
Metallic or non-metallic stand-offs (maximum diameter 5.4mm) can be
used in all four mounting holes without effecting safety approval.
B
The ground pad of the mounting hole near J1, allows system grounding
through a metal stand-off to the system chassis.
C The heat sink is grounded, and allows system grounding by mechanical
connection to the system chassis.
D The supply must be mechanically supported using the PCB mounting holes
and may be additionally supported by the heatsink mounting holes.
E
It is always advisable to attach the power supply heat sink to another
thermal dissipator (such as a chassis or finned heatsink etc). The resulting
decrease in heat sink mounted component temperatures will improve
power supply lifetime.
F
A standard L-bracket and cover is available for mounting which contains all
screws, connectors and necessary mounting hardware. Two different kits
are available, order part number ‘NFS110 COVER KIT’ or ‘NFS110C’.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com