Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NLP110
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110 Datasheet(HTML) 1 Page - Artesyn Technologies

  NLP110 Datasheet HTML 1Page - Artesyn Technologies NLP110 Datasheet HTML 2Page - Artesyn Technologies NLP110 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP110 Medical Series
Single and triple output
• Provides low voltage outputs
• Compliance to EN61000-3-2 (Power Factor = 0.98)
• Smallest industry standard package 6.5 x 3.0 x 1.26 inches
• 90VAC to 264VAC universal input range
• UL, cUL, and VDE safety approvals and CE-Marked to MDD
• Overvoltage and short circuit protection
• VDE0871-A, EN55022-A, EN55011-A conducted noise
• VDE0871-A, EN55022-A, EN55011-A radiated noise
• Meets all applicable and relevant immunity standards
EN61000-4-2,4,5 and 6
The NLP110 Medical is a series of 110W AC/DC open-frame power supplies in a
3” x 6.5” x 1.26” package. The NLP110 Medical is power factor corrected to meet EN61000-3-2
and is available in single and multiple output models. The multiple output models have a capability
that is unique to the power supply market - they can deliver equal amounts of current on multiple
low voltage outputs to support designs that will span the industry transition from 5V logic to 3.3V
logic. The NLP110 Medical is practically the same size as a 65 Watt 3” x 5” product, e.g. NLP65
Medical - the one difference is that the footprint is a mere 1.5 inches longer. The NLP110 Medical
series, with full medical safety approval per UL2601-1, C22.2 No. 601.1-M90, VDE0750,
IEC60601-1 and EN60601-1 and CE marked, greatly accelerating design-in time and reducing
system compliance costs.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS (continued)
Surge
EN61000-4-5
Level 3
Fast transients
EN61000-4-4
Level 3
Radiated immunity
EN61000-4-3
Level 3
Conducted immunity
EN61000-4-6
Level 3
GENERAL SPECIFICATIONS
Hold-up time
120VAC, 60Hz
16.7ms @ 110W
Efficiency
120VAC, 80W (-9605)
75% min.
Isolation voltage
Input/output
4000VAC
Input/chassis
1500VAC
Approvals and
EN60601-1, IEC60601-1,VDE0750,
standards
UL2601-1, C22.2 No. 601.1-M90
Weight
283g (10oz)
MTBF (@ 25°C)
MIL-HDBK-217F
220,000 hours min.
ENVIRONMENTAL SPECIFICATIONS (9)
Thermal performance
Operating ambient,
0°C to +50°C
(See derating curve)
Non-operating
-40°C to +85°C
50°C to 70°C, ambient,
Derate to
convection cooled
50% load
0°C to 50°C, ambient,
80W
convection cooled
0°C to 50°C ambient,
110W
150LFM forced air
Peak (0°C to +50°C, 60s)
(See Note 3)
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 8)
5Hz to 500Hz
2.4G rms peak
Shock
per MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Rise time
At turn-on
1.0s, max.
Transient response
Main output
5.0% or 250mV
75% to 100%
max. dev., 1ms max.
step at 0.1A/µs
recovery to 1%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main outputs
125%, ±10%
Short circuit protection
Cyclic operation
Continuous
Minimum output current
Single and multiple
See table
INPUT SPECIFICATIONS
Input voltage range
Universal input
90 to 264VAC
(See Note 6)
Input frequency range
47Hz to 63Hz
Input surge current
120VAC
18A max.
(cold start)
230VAC
35A max.
Safety ground
230VAC, 50Hz
<100µA
leakage current
Input current
120VAC @ 80W
0.9A rms
120VAC @ 110W
1.3A rms
230VAC @ 80W
0.48A rms
230VAC @ 110W
0.7A rms
Input fuse
UL/IEC127
F3.15A H, 250VAC
EMC CHARACTERISTICS (12)
Conducted emissions
EN55022, FCC part 15
Level A
Radiated emissions
EN55022, FCC part 15
Level A
Harmonic current
EN61000-3-2
Compliant
emission correction
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
SPECIFICATIONS
File Name: NLP110M.PDF Rev: 13 Dec 2002


Similar Part No. - NLP110

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP110 EMERSON-NETWORKPOWER-NLP110 Datasheet
1Mb / 4P
Provides low voltage outputs
logo
Artesyn Technologies
NLP110 ARTESYN-NLP110 Datasheet
343Kb / 4P
Single and triple output
Rev.04.05.08
logo
Emerson Network Power
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
254Kb / 4P
110 W ac-dc open frame power supply
NLP110-9605J EMERSON-NETWORKPOWER-NLP110-9605J Datasheet
1Mb / 4P
Provides low voltage outputs
logo
Artesyn Technologies
NLP110-9605J ARTESYN-NLP110-9605J Datasheet
343Kb / 4P
Single and triple output
Rev.04.05.08
More results

Similar Description - NLP110

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP40 ARTESYN-NLP40 Datasheet
57Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP65 ARTESYN-NLP65 Datasheet
63Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP70 ARTESYN-NLP70 Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP150L ARTESYN-NLP150L Datasheet
56Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLS110-9602 ARTESYN-NLS110-9602 Datasheet
60Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
logo
Artesyn Technologies
NLP150L-96Q5366 ARTESYN-NLP150L-96Q5366 Datasheet
61Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com