Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP110 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NLP110
Description  LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP110 Datasheet(HTML) 3 Page - Artesyn Technologies

  NLP110 Datasheet HTML 1Page - Artesyn Technologies NLP110 Datasheet HTML 2Page - Artesyn Technologies NLP110 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DERATING CURVE
Output Power (Watts)
0
°C10°C20°C30°C40°C50°C60°C70°C
40W
80W
110W
150 LFM FORCED
AIR COOLING
55W
NATURAL
CONVECTION
COOLING
Input and output connectors
Mating connectors
AC (J1) connector type
AC (J1) mating connector type
Molex 26-60-4030 or equivalent.
Molex 09-50-3031 or equivalent with Molex
08-50-0105 or equivalent crimp terminals.
DC (J2) connector type
DC (J2) mating connector type
12 position Molex Spox type 26-48-1125
Molex Spox type 26-03-3121 and
or equivalent.
contact 08-52-0113.
Sense (J3) connector type
Sense (J3) mating connector type
Molex 22-23-2021 or equivalent.
Molex 22-01-3027 and contact
08-50-0113.
Earth (J4) connector type
Earth (J4) mating connector type
Male 0.250 quick disconnect.
Molex 90028.
Sense (J5) connector type
Sense (J5) mating connector type
Leoco 2421P02H000.
Leoco 2420S020000 and contact
2453TPB00V1.
0.23
(5.842)
6.50
(165.10)
1
T1 (REF.)
J4
J1
6.050
(153.670)
2.550
(64.770)
ALL DIMENSIONS IN INCHES (mm)
J2
J3
1
1
2
12
3.00
(76.20)
F1
J5
2
1
0.23
(5.842)
!
3
MAXIMUM COMPONENT
HEIGHT IS 1.26 (32.00)
OUTPUT PIN CONNECTIONS
J2
SINGLE
TRIPLE
Pin 1
No Connection
V (B)
Pin 2
No Connection
V (B)
Pin 3
No Connection
V (B)
Pin 4
Return
Return
Pin 5
Return
Return
Pin 6
Return
Return
Pin 7
Return
Return
Pin 8
V (A)
V (A)
Pin 9
V (A)
V (A)
Pin 10
V (A)
V (A)
Pin 11
No Connection
V (C)
Pin 12
No Connection
V (C) Return (7)
Recommended direction
for forced air relative to
power supply orientation
shown below.
1
Optimum.
2Very good.
3Good.
4Not recommended.
2
3
4
1
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Connection
Pin 3
AC Line
J3
Pin 1
V (A) Sense +
Pin 2
V (A) Sense -
J4
Pin 1
Safety Earth
J5
Pin 1
V (B) Sense +
Pin 2
V (B) Sense -
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP110 Medical Series
Single and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
80-110W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NLP110M.PDF Rev: 13 Dec 2002
Mechanical Notes
A
All dimensions are in inches (mm).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com