Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F656A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F656A
Description  Octal buffer/driver with parity, non-inverting 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F656A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F656A Datasheet HTML 4Page - NXP Semiconductors 74F656A Datasheet HTML 5Page - NXP Semiconductors 74F656A Datasheet HTML 6Page - NXP Semiconductors 74F656A Datasheet HTML 7Page - NXP Semiconductors 74F656A Datasheet HTML 8Page - NXP Semiconductors 74F656A Datasheet HTML 9Page - NXP Semiconductors 74F656A Datasheet HTML 10Page - NXP Semiconductors 74F656A Datasheet HTML 11Page - NXP Semiconductors 74F656A Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F655A*
74F656A
Buffers/drivers
1991 Jul 17
8
* Discontinued part. Please see the Discontinued Products List.
AC WAVEFORMS
SF00965
VM
VM
VM
VM
tPHL
tPLH
Dn
SE, SO, Qn
Waveform 1. Propagation Delay, Non-Inverting Outputs
SF00966
VM
VM
VM
VM
tPHL
tPLH
Dn
SE, SO, Qn
Waveform 2. Propagation Delay, Inverting Outputs
VM
VM
VM
tPHZ
tPZH
VOH -0.3V
0V
OEn
SF00967
SE, SO, Qn, Qn
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
OEn
SF00968
SE, SO, Qn, Qn
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com