Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F656A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F656A
Description  Octal buffer/driver with parity, non-inverting 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F656A Datasheet(HTML) 2 Page - NXP Semiconductors

  74F656A Datasheet HTML 1Page - NXP Semiconductors 74F656A Datasheet HTML 2Page - NXP Semiconductors 74F656A Datasheet HTML 3Page - NXP Semiconductors 74F656A Datasheet HTML 4Page - NXP Semiconductors 74F656A Datasheet HTML 5Page - NXP Semiconductors 74F656A Datasheet HTML 6Page - NXP Semiconductors 74F656A Datasheet HTML 7Page - NXP Semiconductors 74F656A Datasheet HTML 8Page - NXP Semiconductors 74F656A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F655A*
74F656A
Buffers/drivers
74F655A Octal buffer/driver with parity, inverting (3-State)
74F656A Octal buffer/driver with parity, non-inverting (3-State)
2
1991 Jul 17
853-0383 03305
* Discontinued part. Please see the Discontinued Products List.
FEATURES
• Significantly improved AC performance over 74F655 and 74F656
• High impedance NPN base input for reduced loading
(40
µA in High and Low states)
• Ideal in applications where high output drive and light bus loading
are required (IIL is 40µA vs. FAST std of 600µA)
• 74F655A combines 74F240 and 74F280A functions in one
package
• 74F656A combines 74F244 and 74F280A functions in one
package
• 74F655A Inverting
• 74F656A Non-inverting
• 3-State outputs sink 64mA and source 15mA
• 24-pin plastic Slim DIP (300mil) package
• Inputs on one side and outputs on the other side simplifies PC
board layout
• Combined functions reduce part count and enhance system
performance
• Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F655A and 74F656A are octal buffers and line drivers with
parity generation/checking designed to be employed as memory
address drivers, clock drivers and bus-oriented
transmitters/receivers. These parts include parity generator/checker
to improve PC board density.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY CURRENT
(TOTAL)
74F655A
6.5ns
64mA
74F656A
6.5ns
64mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%,
Tamb = –40°C to +85°C
PKG DWG #
24-pin Plastic Slim
DIP (300mil)
N74F656AN
I74F656AN
SOT222-1
24-pin Plastic SOL
N74F656AD
I74F656AD
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0–D7
Data inputs
2.0/0.066
40
µA/40µA
PI
Parity input
1.0/0.033
20
µA/20µA
OE0, OE1, OE2
Output Enable Inputs (active Low)
1.0/0.033
20
µA/20µA
ΣE, ΣO
Parity outputs
750/106.7
15mA/64mA
Q0–Q7
Data outputs (74F655A)
750/106.7
15mA/64mA
Q0–Q7
Data outputs (74F656A)
750/106.7
15mA/64mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com