Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114XSTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # VIPER114XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114XSTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VIPER114XSTR Datasheet HTML 29Page - STMicroelectronics VIPER114XSTR Datasheet HTML 30Page - STMicroelectronics VIPER114XSTR Datasheet HTML 31Page - STMicroelectronics VIPER114XSTR Datasheet HTML 32Page - STMicroelectronics VIPER114XSTR Datasheet HTML 33Page - STMicroelectronics VIPER114XSTR Datasheet HTML 34Page - STMicroelectronics VIPER114XSTR Datasheet HTML 35Page - STMicroelectronics VIPER114XSTR Datasheet HTML 36Page - STMicroelectronics VIPER114XSTR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
DS11873 Rev 5
35/37
VIPer11
Package information
37
Figure 48. SSOP10 recommended footprint
Table 10. SSOP10 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
-
-
1.75
A1
0.10
-
0.25
A2
1.25
-
-
b
0.31
-
0.51
c
0.17
-
0.25
D
4.80
4.90
5
E
5.80
6
6.20
E1
3.80
3.90
4
e-1-
h
0.25
-
0.50
L
0.40
-
0.90
K0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com