Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114XSTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # VIPER114XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114XSTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VIPER114XSTR Datasheet HTML 29Page - STMicroelectronics VIPER114XSTR Datasheet HTML 30Page - STMicroelectronics VIPER114XSTR Datasheet HTML 31Page - STMicroelectronics VIPER114XSTR Datasheet HTML 32Page - STMicroelectronics VIPER114XSTR Datasheet HTML 33Page - STMicroelectronics VIPER114XSTR Datasheet HTML 34Page - STMicroelectronics VIPER114XSTR Datasheet HTML 35Page - STMicroelectronics VIPER114XSTR Datasheet HTML 36Page - STMicroelectronics VIPER114XSTR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Ordering information
VIPer11
36/37
DS11873 Rev 5
8
Ordering information
9
Revision history
Table 11. Order code
Order code
IDLIM (OCP)
FOSC ± jitter
Package
VIPER113XSTR
370 mA
30 kHz ± 7%
SSOP10 tape and reel
VIPER114XSTR
480 mA
VIPER115XSTR
590 mA
VIPER113LSTR
370 mA
60 kHz ± 7%
VIPER114LSTR
480 mA
VIPER115LSTR
590 mA
VIPER114HSTR
480 mA
120 kHz ± 7%
VIPER115HSTR
590 mA
Table 12. Document revision history
Date
Revision
Changes
11-Apr-2018
1
Initial release.
19-Apr-2018
2
Document status changed from preliminary to
production data.
14-Dec-2018
3
Updated Table 7, amended Section 5.16.
02-Sept-2019
4
Amended the Features on page 1, Updated Tables 3, 6,
7, and 11. Amended Table 1, amended Figures 25, 29,
30, 34. Minor changes in sections 5.3; 5.4; 5.5; 5.6; 5.7;
5.8. Amended sections 5.11; 5.14; 5.15.
07-Apr-2020
5
Update to a value in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com