Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER115LSTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER115LSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER115LSTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER115LSTR Datasheet HTML 2Page - STMicroelectronics VIPER115LSTR Datasheet HTML 3Page - STMicroelectronics VIPER115LSTR Datasheet HTML 4Page - STMicroelectronics VIPER115LSTR Datasheet HTML 5Page - STMicroelectronics VIPER115LSTR Datasheet HTML 6Page - STMicroelectronics VIPER115LSTR Datasheet HTML 7Page - STMicroelectronics VIPER115LSTR Datasheet HTML 8Page - STMicroelectronics VIPER115LSTR Datasheet HTML 9Page - STMicroelectronics VIPER115LSTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Electrical and thermal ratings
VIPer11
6/37
DS11873 Rev 5
2
Electrical and thermal ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter(1), (2)
1. Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
2. Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
Min.
Max.
Unit
VDS
6 to 10 Drain-to-source (ground) voltage
-
800
V
IDRAIN
6 to 10 Pulsed drain current (pulse-width limited by SOA)
-
2
A
VCC
2
VCC voltage
-0.3
Internally
limited
V
ICC
2
VCC internal Zener current (pulsed)
-
45(3)
3. Pulse-width limited by maximum power dissipation, PTOT.
mA
VDIS
3
DIS voltage
-0.3
5(4)
4. The AMR value is intended when VCC 5 V, otherwise the value VCC + 0.3 V has to be considered.
V
VFB
4
FB voltage
-0.3
5(4)
V
VCOMP
5
COMP voltage
-0.3
5((4)
V
PTOT
-
Power dissipation at Tamb < 50 °C
-
1(5)
5. When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick).
W
TJ
-
Junction temperature operating range
-40
150
°C
TSTG
-
Storage temperature
-55
150
°C
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
RTH-JC
Thermal resistance junction to case(1)
(Dissipated power = 1 W)
1. When mounted on a standard single side FR4 board with minimum copper area.
10
°C/W
RTH-JA
Thermal resistance junction ambient(1)
(Dissipated power = 1 W)
155
°C/W
RTH-JC
Thermal resistance junction to case(2)
(Dissipated power = 1 W)
5
°C/W
RTH-JA
Thermal resistance junction ambient(2)
(Dissipated power = 1 W)
2. When mounted on a standard single side FR4 board with 100 mm2 (0.155 sq in) of Cu (35 μm thick).
95
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com