Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER115LSTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER115LSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER115LSTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER115LSTR Datasheet HTML 6Page - STMicroelectronics VIPER115LSTR Datasheet HTML 7Page - STMicroelectronics VIPER115LSTR Datasheet HTML 8Page - STMicroelectronics VIPER115LSTR Datasheet HTML 9Page - STMicroelectronics VIPER115LSTR Datasheet HTML 10Page - STMicroelectronics VIPER115LSTR Datasheet HTML 11Page - STMicroelectronics VIPER115LSTR Datasheet HTML 12Page - STMicroelectronics VIPER115LSTR Datasheet HTML 13Page - STMicroelectronics VIPER115LSTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical characteristics
VIPer11
10/37
DS11873 Rev 5
HCOMP
ΔVCOMP / ΔIDRAIN
VIPer113*
5.9
10.5
V/A
VIPer114*
4.3
8
VIPer115*
3.8
7
VCOMPH
Current limitation
threshold
--
3
-
V
VCOMPL
PFM threshold
-
-
0.8
-
V
OLP and timing
IDLIM
Drain current limitation
TJ = 25 °C
VIPER113*
350
370
389
mA
TJ = 25 °C
VIPER114*
456
480
504
TJ = 25 °C
VIPER115*
560
590
620
I2f
Power coefficient
IDLIM_TYP2 x FOSC_TYPP 0.9 ·I2fI2f
1.1 ·I2fA2·kHz
IDLIM_PFM
Drain current limitation
at light load
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPER113*
75
100
135
mA
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPER114*
90
115
140
TJ = 25 °C
VCOMP = VCOMPL(1)
VIPER115*
105
130
155
VDIS_th
Disable threshold
voltage
VCC = 9 V
VCOMP = 1 V
VFB = VFB_REF
1.15
1.2
1.25
V
tDIS
Debounce time before
DIS protection tripping
-
0.65
1
1.35
ms
tDIS_RESTART
Restart time after DIS
protection tripping
-
325
500
675
ms
tOVL
Overload delay time
-
45
50
55
ms
tOVL_MAX
Max. overload delay
time
VIPER11*X
FOSC = FOSC MIN
90
100
110
ms
VIPER11*L
FOSC = FOSC MIN
180
200
220
VIPER11*H
FOSC = FOSC MIN
360
400
440
tSS
Soft-start time
-
5
8
11
ms
Table 7. Controller section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com