Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 103 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 99Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 100Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 101Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 102Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 103Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 104Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 105Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 106Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
Standard 8032 timer/counters
103/300
20.6.3
Baud rate generator mode
The RCLK and/or TCLK Bits in the SFR T2CON allow the transmit and receive baud rates
on serial port UART0 to be derived from either Timer 1 or Timer 2. Figure 29 on page 106
illustrates Baud rate generator mode.
When TCLK = 0, Timer 1 is used as UART0’s transmit baud generator. When TCLK = 1,
Timer 2 will be the transmit baud generator. RCLK has the same effect for UART0’s receive
baud rate. With these two bits, UART0 can have different receive and transmit baud rates -
one generated by Timer 1, the other by Timer 2.
Note:
Bits RCLK1 and TCLK1 in the SFR named PCON (see Section Table 33.: PCON: power
control register (SFR 87h, reset value 00h) on page 74) have identical functions as RCLK
and TCLK but they apply to UART1 instead. For simplicity in the following discussions about
baud rate generation, no suffix will be used when referring to SFR registers and bits related
to UART0 or UART1, since each UART interface has identical operation. Example, TCLK or
TCLK1 will be referred to as just TCLK.
The Baud rate generator mode is similar to the Auto-reload mode, in that a roll over in TH2
causes the Timer 2 registers, TH2 and TL2, to be reloaded with the 16-bit value in registers
RCAP2H and RCAP2L, which are preset with firmware.
The baud rates in UART Modes 1 and 3 are determined by Timer 2’s overflow rate as
follows:
UART Mode 1,3 Baud Rate =Timer 2 Overflow Rate / 16
The timer can be configured for either “timer” or “counter” operation. In the most typical
applications, it is configured for “timer” operation (C/T2 = 0). “Timer” operation is a little
different for Timer 2 when it's being used as a baud rate generator. In this case, the baud
rate is given by the formula:
UART Mode 1,3 Baud Rate =fOSC/(32 x [65536 – [RCAP2H, RCAP2L]))
where [RCAP2H, RCAP2L] is the content of the SFRs RCAP2H and RCAP2L taken as a
16-bit unsigned integer.
A roll-over in TH2 does not set TF2, and will not generate an interrupt. Therefore, the Timer
Interrupt does not have to be disabled when Timer 2 is in the Baud rate generator mode.
If EXEN2 is set, a 1-to-0 transition on pin T2X will set the Timer 2 interrupt flag EXF2, but
will not cause a reload from RCAP2H and RCAP2L to TH2 and TL2. Thus when Timer 2 is
Baud rate
generator
1x
1
0
x
No overflow interrupt request
(TF2)
fOSC/2
–
1x
1
1
↓
Extra Interrupt on pin T2X, sets
TF2
Off
x
x
0
x
x
Timer 2 stops
–
–
1.
↓= falling edge.
Table 62.
Timer/counter 2 operating modes (continued)
Mode
Bits in T2CON SFR
Pin
T2X
(1)
Remarks
Input clock
RCLK
or
TCLK
CP/
RL2
TR2 EXEN2
Timer,
internal
Counter,
external
(Pin T2,
P1.0)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com