Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 17Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 18Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 19Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
List of tables
UPSD3422, UPSD3433, UPSD3434, UPSD3454
16/300
Table 202.
Power management mode register PMMR3 (address = csiop + offset C7h) . . . . . . . . . . 250
Table 203.
Function status during power-up reset, warm reset, power-down mode . . . . . . . . . . . . . 256
Table 204.
PSD module example, typ. power calculation at VCC = 5.0 V (turbo mode off) . . . . . . . . 266
Table 205.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 268
Table 206.
Operating conditions (5 V devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 269
Table 207.
Operating conditions (3.3 V devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 269
Table 208.
AC signal letters for timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 269
Table 209.
AC signal behavior symbols for timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 270
Table 210.
Major parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271
Table 211.
MCU module DC characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271
Table 212.
PSD module DC characteristics (with 5 V VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
Table 213.
PSD module DC characteristics (with 3.3 V VDD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 274
Table 214.
External READ cycle AC characteristics (3 V or 5 V device) . . . . . . . . . . . . . . . . . . . . . . 275
Table 215.
n, m, and x, y values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 275
Table 216.
External WRITE cycle AC characteristics (3 V or 5 V device) . . . . . . . . . . . . . . . . . . . . . 276
Table 217.
External clock drive. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 277
Table 218.
A/D analog specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 277
Table 219.
USB transceiver specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 277
Table 220.
CPLD combinatorial timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Table 221.
CPLD combinatorial timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Table 222.
CPLD macrocell synchronous clock mode timing (5 V PSD module). . . . . . . . . . . . . . . . 280
Table 223.
CPLD macrocell synchronous clock mode timing (3 V PSD module). . . . . . . . . . . . . . . . 281
Table 224.
CPLD macrocell asynchronous clock mode timing (5 V PSD module). . . . . . . . . . . . . . . 282
Table 225.
CPLD macrocell asynchronous clock mode timing (3 V PSD module). . . . . . . . . . . . . . . 282
Table 226.
Input macrocell timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 283
Table 227.
Input macrocell timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 283
Table 228.
Program, WRITE and erase times (5 V, 3 V PSD modules). . . . . . . . . . . . . . . . . . . . . . . 283
Table 229.
Port A peripheral data mode READ timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . 284
Table 230.
Port A peripheral data mode READ timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . 285
Table 231.
Port A peripheral data mode WRITE timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . 285
Table 232.
Port A peripheral data mode WRITE timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . 285
Table 233.
Supervisor reset and LVD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 286
Table 234.
ISC timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 286
Table 235.
ISC timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 287
Table 236.
I/O pin capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 288
Table 237.
LQFP52 – 52-lead plastic thin, quad, flat package mechanical data . . . . . . . . . . . . . . . . 290
Table 238.
LQFP80 – 80-lead plastic thin, quad, flat package mechanical data . . . . . . . . . . . . . . . . 291
Table 239.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 292
Table 240.
Order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 293
Table 241.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 299
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com