Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 9Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 10Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
List of tables
13/300
Table 49.
BUSCON: bus control register (SFR 9Dh, reset value EBh) . . . . . . . . . . . . . . . . . . . . . . . 88
Table 50.
BUSCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Table 51.
Number of MCU_CLK periods required to optimize bus transfer rate . . . . . . . . . . . . . . . . 90
Table 52.
WDKEY: Watchdog timer key register (SFR AEh, reset value 55h) . . . . . . . . . . . . . . . . . . 94
Table 53.
WDKEY register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Table 54.
WDRST: Watchdog timer reset counter register (SFR A6h, reset value 00h) . . . . . . . . . . 94
Table 55.
WDRST register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Table 56.
TCON: Timer control register (SFR 88h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . 97
Table 57.
TCON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Table 58.
TMOD: Timer mode register (SFR 89h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Table 59.
TMOD register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Table 60.
T2CON: Timer 2 control register (SFR C8h, reset value 00h) . . . . . . . . . . . . . . . . . . . . . 101
Table 61.
T2CON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Table 62.
Timer/counter 2 operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
Table 63.
Commonly used baud rates generated from timer2
(T2CON = 34h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Table 64.
UART operating modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Table 65.
SCON0: serial port UART0 control register (SFR 98h, reset value 00h) . . . . . . . . . . . . . 109
Table 66.
SCON0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Table 67.
SCON1: serial port UART1 control register (SFR D8h, reset value 00h) . . . . . . . . . . . . . 109
Table 68.
SCON1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Table 69.
Commonly used baud rates generated from timer 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Table 70.
IRDACON register bit definition (SFR CEh, reset value 0Fh). . . . . . . . . . . . . . . . . . . . . . 120
Table 71.
IRDACON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
Table 72.
Baud rate selection register (SFR xxh, reset value xxh). . . . . . . . . . . . . . . . . . . . . . . . . . 120
Table 73.
Baud rate of UART#1 for IrDA interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
Table 74.
Recommended CDIV[4:0] values to generate SIRClk
(default CDIV[4:0] = 0Fh, 15 decimal) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Table 75.
Serial control register S1CON (SFR DCh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . 129
Table 76.
S1CON register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
Table 77.
Selection of the SCL frequency in Master mode based on fOSC examples . . . . . . . . . . . 130
Table 78.
S1STA: I2C interface status register (SFR DDh, reset value 00h) . . . . . . . . . . . . . . . . . . 130
Table 79.
S1STA register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 80.
S1DAT: I2C data shift register (SFR DEh, reset value 00h) . . . . . . . . . . . . . . . . . . . . . . . 132
Table 81.
S1DAT register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table 82.
S1ADR: I2C address register (SFR DFh, reset value 00h). . . . . . . . . . . . . . . . . . . . . . . . 132
Table 83.
S1ADR register bit definition. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table 84.
S1SETUP: I2C Start condition sample setup register (SFR DBh, reset value 00h) . . . . . 133
Table 85.
S1SETUP register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
Table 86.
Number of I2C bus samples taken after 1-to-0 transition on SDA (Start condition) . . . . . 134
Table 87.
Start condition hold time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 88.
S1SETUP examples for various I2C bus speeds and oscillator
frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134
Table 89.
SPICON0: control register 0 (SFR D6h, reset value 00h). . . . . . . . . . . . . . . . . . . . . . . . . 147
Table 90.
SPICON0 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Table 91.
SPICON1: SPI interface control register 1 (SFR D7h, reset value 00h) . . . . . . . . . . . . . . 148
Table 92.
SPICON1 register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
Table 93.
SPICLKD: SPI prescaler (clock divider) register (SFR D2h, reset value 04h) . . . . . . . . . 148
Table 94.
SPICLKD register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
Table 95.
SPISTAT: SPI interface status register (SFR D3h, reset value 02h) . . . . . . . . . . . . . . . . 149
Table 96.
SPISTAT register bit definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 149
Table 97.
Types of packet IDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com