Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422EB40U6 Datasheet(PDF) 210 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 206Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 207Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 208Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 209Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 210Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 211Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 212Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 213Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD module
UPSD3422, UPSD3433, UPSD3434, UPSD3454
210/300
28.5.3
Reading Flash memory
Under typical conditions, the 8032 may read the Flash memory using READ operations
(READ bus cycles) just as it would a ROM or RAM device. Alternately, the 8032 may use
READ operations to obtain status information about a Program or Erase operation that is
currently in progress. The following sections describe the kinds of READ operations.
28.5.4
Read memory contents
Flash memory is placed in the Read Array mode after Power-up, after a PSD module reset
event, or after receiving a Reset Flash memory instruction sequence from the 8032. The
8032 can read Flash memory contents using standard READ bus cycles anytime the Flash
array is in Read Array mode. Flash memories will always be in Read Array mode when the
array is not actively engaged in a program or erase operation.
28.5.5
Reading the erase/program status bits
The Flash arrays provide several status bits to be used by the 8032 to confirm the
completion of an erase or program operation on Flash memory, shown in Table 164 on
page 212. The status bits can be read as many times as needed until an operation is
complete.
The 8032 performs a READ operation to obtain these status bits while an erase or program
operation is being executed by the state machine inside each Flash memory array.
28.5.6
Data polling flag (DQ7)
While programming either Flash memory, the 8032 may read the Data Polling Flag Bit
(DQ7), which outputs the complement of the D7 Bit of the byte being programmed into Flash
memory. Once the program operation is complete, DQ7 is equal to D7 of the byte just
programmed into Flash memory, indicating the program cycle has completed successfully.
Resume
Sector
Erase
Write 30h to
address that
activates FSx
or CSBOOTx
where
desired to
resume erase
(command)
Resume
sector
erase on
page 217
Reset
Flash
Write F0h to
address that
activates FSx
or CSBOOTx
in desired
array.
(command)
Reset
Flash on
page 218
1.
All values are in hexadecimal, X = Don’t care.
2.
8032 addresses A12 through A15 are “Don’t care” during the instruction sequence decoding. Only address
bits A0-A11 are used during decoding of Flash memory instruction sequences. The individual sector select
signal (FS0 - FS7 or CSBOOT0-CSBOOT3) which is active during the instruction sequence determines the
complete address.
3.
Directing this command to any individual sector within a Flash memory array will invoke the bulk erase of
all Flash memory sectors within that array.
Table 163.
Flash memory instruction sequences(1)(2) (continued)
Instr.
Seq.
Bus
Cycle 1
Bus
Cycle 2
Bus
Cycle 3
Bus
Cycle 4
Bus
Cycle 5
Bus
Cycle 6
Bus
Cycle 7
Link
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com