Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP61.. Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TSOP61..
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP61.. Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TSOP61.. Datasheet HTML 5Page - Vishay Siliconix TSOP61.. Datasheet HTML 6Page - Vishay Siliconix TSOP61.. Datasheet HTML 7Page - Vishay Siliconix TSOP61.. Datasheet HTML 8Page - Vishay Siliconix TSOP61.. Datasheet HTML 9Page - Vishay Siliconix TSOP61.. Datasheet HTML 10Page - Vishay Siliconix TSOP61.. Datasheet HTML 11Page - Vishay Siliconix TSOP61.. Datasheet HTML 12Page - Vishay Siliconix TSOP61.. Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TSOP61.., TSOP63.., TSOP65..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 16-Aug-2022
11
Document Number: 82457
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OUTER PACKAGING
The sealed reel is packed into a pizza box.
COVER TAPE PEEL STRENGTH
According to DIN EN 60286-3
0.1 N to 1.3 N
300 ± 10 mm/min.
165° to 180° peel angle
LABEL
Standard bar code labels for finished goods
The standard bar code labels are product labels and used
for identification of goods. The finished goods are packed in
final packing area. The standard packing units are labeled
with standard bar code labels before transported as finished
goods to warehouses. The labels are on each packing unit
and contain Vishay Semiconductor GmbH specific data.
CARTON BOX DIMENSIONS in millimeters
THICKNESS
WIDTH
LENGTH
Pizza box (SMD and Heimdall)
(taping in reels)
50
340
340
Thickness
Width
22127
Length
VISHAY SEMICONDUCTOR GmbH STANDARD BAR CODE PRODUCT LABEL (finished goods)
PLAIN WRITING
ABBREVIATION
LENGTH
Item-description
-
18
Item-number
INO
8
Selection-code
SEL
3
LOT-/serial-number
BATCH
10
Data-code
COD
3 (YWW)
Plant-code
PTC
2
Quantity
QTY
8
Accepted by
ACC
-
Packed by
PCK
-
Mixed code indicator
MIXED CODE
-
Origin
xxxxxxx+
Company logo
LONG BAR CODE TOP
TYPE
LENGTH
Item-number
N
8
Plant-code
N
2
Sequence-number
X
3
Quantity
N
8
Total length
-
21
SHORT BAR CODE BOTTOM
TYPE
LENGTH
Selection-code
X
3
Data-code
N
3
Batch-number
X
10
Filter
-
1
Total length
-
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com