Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP61.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP61..
Description  IR Receiver Modules for Remote Control Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP61.. Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP61.. Datasheet HTML 1Page - Vishay Siliconix TSOP61.. Datasheet HTML 2Page - Vishay Siliconix TSOP61.. Datasheet HTML 3Page - Vishay Siliconix TSOP61.. Datasheet HTML 4Page - Vishay Siliconix TSOP61.. Datasheet HTML 5Page - Vishay Siliconix TSOP61.. Datasheet HTML 6Page - Vishay Siliconix TSOP61.. Datasheet HTML 7Page - Vishay Siliconix TSOP61.. Datasheet HTML 8Page - Vishay Siliconix TSOP61.. Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TSOP61.., TSOP63.., TSOP65..
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 1.8, 16-Aug-2022
2
Document Number: 82457
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
ORDERING CODE
Taping:
TSOP6...TT - top view taped, 1190 pcs/reel
TSOP6...TR - side view taped, 1120 pcs/reel
APPLICATION CIRCUIT
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23205
1
2
3
4
C1
IR receiver
GND
µC
R1
+ VS
GND
Transmitter
with
TSALxxxx
VS
VO
17170-14
OUT
R
1 and C1 recommended in case there are strong ripple or
spikes on the supply line.
PARTS TABLE
AGC
LEGACY, FOR SHORT BURST
REMOTE CONTROLS (AGC1)
NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC3)
VERY NOISY ENVIRONMENTS
AND SHORT BURSTS (AGC5)
Carrier
frequency
30 kHz
TSOP6130
TSOP6330
TSOP6530
33 kHz
TSOP6133
TSOP6333
TSOP6533
36 kHz
TSOP6136
TSOP6336 (1)(2)
TSOP6536
38 kHz
TSOP6138
TSOP6338 (3)(5)
TSOP6538
40 kHz
TSOP6140
TSOP6340
TSOP6540
56 kHz
TSOP6156
TSOP6356 (4)
TSOP6556
Package
Panhead
Pinning
1 = GND, 2 = N.C., 3 = VS, 4 = OUT
Dimensions (mm)
7.5 W x 5.3 H x 4.0 D
Mounting
SMD
Application
Remote control
Best choice for
(1) MCIR (2) RCMM (3) RECS-80 Code (4) r-map (5) XMP
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical flter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
-0.3 to +6
V
Supply current
IS
5mA
Output voltage
VO
-0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com