Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS Datasheet(PDF) 1 Page - C&K Components

Part # SS
Description  Miniature Slide Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SS Datasheet(HTML) 1 Page - C&K Components

  SS Datasheet HTML 1Page - C&K Components SS Datasheet HTML 2Page - C&K Components SS Datasheet HTML 3Page - C&K Components SS Datasheet HTML 4Page - C&K Components SS Datasheet HTML 5Page - C&K Components SS Datasheet HTML 6Page - C&K Components SS Datasheet HTML 7Page - C&K Components SS Datasheet HTML 8Page - C&K Components SS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
I–87
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
I
3 Jan 23
SS Series
Miniature Slide Switches
Features/Benefits
• Broad range of products
• Various circuit design, SPDT, 4P3T,
vertical, right angle
• Compact miniature slide switch
• Shorting or non-shorting
• Custom design available
Typical Applications
• Consumer electronics
• Computer peripherals
• Telecommunication
• Audio & visual equipment
• Medical
• Automotive
Part number list is shown below. For individual part details, please refer to the following pages.
Position Number
2 Two positions
3 Three positions
4 Four positions
5 Five positions
S
S
Circuit Number
1 One circuit
2 Two circuits
4 Four circuits
6 Six circuits
8 Eight circuits
Travel
C 1.5mm
D 2.0mm
E 2.5mm
F 3.0mm
G 3.5mm
H 4.0mm
...
Series Sequence
01, 02, ...
Actuator Shape*
G
DG
TG
VG
R
M
AC
DP
Auxiliary Code**
NS Non-shorting
S Shorting
PA Knob material P
E Frame SPTE
LT Vertical bending
Actuator Length
1.5 1.5mm
2
2.0mm
2.5 2.5mm
...
* Please refer to common actuator type table
** Please refer to PN description table for details
Part Number
(Part Description)
Product Details
SS-12D1305-G 2
1P2T, 2mm travel, Frame H=3.5mm, Cover SUS, Tail L= 3.0mm, Knob type G with L=2mm, PA, Non shorting
SS-12D1505-G
1P2T, 2mm travel, Frame H=3.5mm, Cover SUS, Tail L= 1.2mm, Knob type G, PA, Non shorting
SS-22D0205-G
2P2T, 2mm travel, Frame H=3.5mm, Cover SUS, Tail L= 3.0mm, Knob type G, PA, Non shorting
SS-22D0205-G 2 -LT
2P2T, 2mm travel, Frame H=3.5mm, Cover SUS, Vertical benting, Knob type G with L=2mm, PA, Non shorting
SS-23D31-G 1.5 NS
2P3T, 2mm travel, Frame H=3.5mm, Cover SUS, Tail L= 1.5mm, Knob type G with L=1.5mm, PA
SS-12D01-G E NS
1P2T, 2mm travel, Frame H=3.5mm, Tail L= 2.5mm, Knob type G, Frame SPTE, POM, Non shorting
SS-12D06-G E NS
1P2T, 2mm travel, Frame H=3.5mm, Tail L= 2.5mm, Knob type G, Frame SPTE, POM, Non shorting
SS-12D11-G E NS
1P2T, 2mm travel, Frame H=4.7mm, Tail L= 2mm, Knob type G, Frame SPTE, POM, Non shorting
SS-13D01-G
1P3T, 2mm travel, Frame H=3.5mm, Tail L= 2.5mm, Knob type G, POM
SS-22D28-G NS
2P2T, 2mm travel, Frame H=8.5mm, Tail L= 3.3mm, Knob type G, POM, Non shorting
SS-23D28-G NS
2P3T, 2mm travel, Frame H=8.5mm, Tail L= 3.3mm, Knob type G, POM, Non shorting
SS-24D28-G NS
2P4T, 2mm travel, Frame H=8.5mm, Tail L= 3.3mm, Knob type G, POM, Non shorting
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.


Similar Description - SS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com