Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS Datasheet(PDF) 5 Page - C&K Components

Part # SS
Description  Miniature Slide Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

SS Datasheet(HTML) 5 Page - C&K Components

  SS Datasheet HTML 1Page - C&K Components SS Datasheet HTML 2Page - C&K Components SS Datasheet HTML 3Page - C&K Components SS Datasheet HTML 4Page - C&K Components SS Datasheet HTML 5Page - C&K Components SS Datasheet HTML 6Page - C&K Components SS Datasheet HTML 7Page - C&K Components SS Datasheet HTML 8Page - C&K Components SS Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
I–91
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
I
I
1P - 2T
1
2
TYP.3
2.5
Ø0.8
2.5
SCHEMATIC
PIERCING PLAN
3.6
9
2.5
2.5
0.5
2 TRAVEL
3.3
1.5
3.6
0.3
1.5
G =
SS-22D0205-G DPDT NON-SHORTING
2
TYP.6
2.5
Ø0.8
2.5
SCHEMATIC
PIERCING PLAN
2P - 2T
1
3.6
9
2.5
2.5
0.5
2 TRAVEL
1.5
0.3
1.5
G =
3.30
3.60
3 Jan 23
SS-12D1505-G 1P2T NON-SHORTING
SS Series
Miniature Slide Switches
Specifications
CONTACT RATING: 0.3A @ 6 VDC
INITIAL CONTACT RESISTANCE: 70 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 80˚C
Materials
KNOB: PA
COVER: SUS
HOUSING: PA
CONTACT: Silver clad
TERMINAL: Silver plated
Specifications
CONTACT RATING: 0.3A @ 6 VDC
INITIAL CONTACT RESISTANCE: 70 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 200 ± 100 gf (1.96 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 80˚C
Materials
KNOB: PA
COVER: SUS
HOUSING: PA
CONTACT: Silver clad
TERMINAL: Silver plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com