Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2860PCBA Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2860PCBA
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860PCBA Datasheet(HTML) 2 Page - RF Micro Devices

  RF2860PCBA Datasheet HTML 1Page - RF Micro Devices RF2860PCBA Datasheet HTML 2Page - RF Micro Devices RF2860PCBA Datasheet HTML 3Page - RF Micro Devices RF2860PCBA Datasheet HTML 4Page - RF Micro Devices RF2860PCBA Datasheet HTML 5Page - RF Micro Devices RF2860PCBA Datasheet HTML 6Page - RF Micro Devices RF2860PCBA Datasheet HTML 7Page - RF Micro Devices RF2860PCBA Datasheet HTML 8Page - RF Micro Devices RF2860PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8-384
RF2860
Rev A7 031105
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.0
VDC
Input LO and RF Levels
+6
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=2.75V
RF Frequency Range
1575 to 2170
MHz
IF Frequency Range
0.1
400
MHz
Power Supply
Supply Voltage
2.65
2.75
3.15
V
Logic High
1.8
V
Logic Low
0.4
V
Power Down Current
10
µA
ENABLE=0
US PCS Band
Korean PCS Band
GPS Band
IMT-2000 Band
Freq=1930MHz to 1990MHz
Freq=1840MHz to 1870MHz
Freq=1575.42MHz
Freq=2110MHz to 2170MHz
LNA (On) - KPCS
LNA 50
Ω match
Gain
14.0
16.5
17.5
dB
Noise Figure
1.3
1.5
dB
Input IP3
+6.0
+8.0
dBm
Current
6.5
mA
Isolation
20
dB
LNA (On) - US PCS
LNA 50
Ω match
Gain
13.5
16.0
17.0
dB
Noise Figure
1.4
1.6
dB
Input IP3
+6.0
+8.0
dBm
Current
6.5
mA
Isolation
30
dB
LNA (On) - GPS Band
LNA 50
Ω match
Gain
14.75
17.25
18.25
dB
Noise Figure
1.2
dB
Input IP3
+5.0
dBm
Current
6.0
mA
Isolation
20
dB
LNA (On) - IMT-2000 Band
LNA 50
Ω match
Gain
12.0
14.5
15.5
dB
Noise Figure
1.4
dB
Input IP3
+8.0
dBm
Current
6.0
mA
Isolation
20
dB
LNA (Off) - US PCS, KPCS,
GPS, IMT-2000
Gain
-6.5
-5.0
-3.5
dB
Noise Figure
5.0
6.0
dB
Input IP3
+20.0
+25.0
dBm
Current
0
mA
Isolation
4
dB
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com