Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2860PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2860PCBA
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2860PCBA Datasheet HTML 1Page - RF Micro Devices RF2860PCBA Datasheet HTML 2Page - RF Micro Devices RF2860PCBA Datasheet HTML 3Page - RF Micro Devices RF2860PCBA Datasheet HTML 4Page - RF Micro Devices RF2860PCBA Datasheet HTML 5Page - RF Micro Devices RF2860PCBA Datasheet HTML 6Page - RF Micro Devices RF2860PCBA Datasheet HTML 7Page - RF Micro Devices RF2860PCBA Datasheet HTML 8Page - RF Micro Devices RF2860PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8-383
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
IF OUT+
IF OUT-
GND
LO IN
LNA GAIN
LNA IN
GND
LNA OUT
16
15
14
13
11
12
9
10
5
6
7
8
2
1
4
3
RF2860
PCS CDMA LOW NOISE AMPLIFIER/MIXER
BROADBAND DOWNCONVERTER
• CDMA Korean PCS Systems
• CDMA US PCS Systems
• IMT-2000 and 2.4GHz Band Applications
• GPS Applications
• General Purpose Downconverter
• Commercial and Consumer Systems
The RF2860 is a broadband receiver front-end designed
for CDMA PCS applications. The broadband design
makes it a great solution as well for GPS, IMT-2000 and
2.4GHz applications. It is designed to amplify and down-
convert RF signals, while providing 21.5dB of stepped
gain control range. Features include digital control of LNA
gain, TX buffer/enable, and power down mode. Another
feature of the chip is the ability to set the bias point and
RF performance of the LNA and mixer through the ISET1
and ISET2 resistors respectively. Noise figure, IIP3, and
gain are designed to exceed the IS-98 interim standard
requirement for CDMA PCS communications. The IC is
manufactured on an advanced Silicon Germanium
Bi-CMOS process and is in a 3mmx3mm, 16-pin, lead-
less chip carrier.
• LNA Noise Figure=1.3dB (KPCS)
• Stepped LNA Gain Control
• Integrated TX LO Buffer Amplifier
• Adjustable IIP3 versus Current for both
LNA and Mixer Blocks
• All Pins ESD Protected
RF2860
PCS CDMA Low Noise Amplifier/Mixer Broadband
Downconverter
RF2860 PCBA
Fully Assembled Evaluation Board
0
Rev A7 031105
0.90
0.85
0.05 C
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
1.50 TYP
0.10 C A
2 PLCS
-A-
3.00
0.10 C B
2 PLCS
1.37 TYP
0.10 C A
2 PLCS
2.75 SQ
0.10 C B
2 PLCS
3.00
-B-
0.60
0.24
TYP
0.50
0.30
PIN 1 ID
R.20
0.50
1.65
1.35
SQ.
0.10
C AB
M
0.30
0.18
2
NOTES:
1. Shaded lead is pin 1.
Dimension applies to plated terminal: to be measured
between 0.20 mm and 0.25 mm from terminal end.
2
Dimensions in mm.
Package Style: QFN, 16-Pin, 3x3


Similar Part No. - RF2860PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2860PCBA-41X RFMD-RF2860PCBA-41X Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860PCBA-41X RFMD-RF2860PCBA-41X Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
More results

Similar Description - RF2860PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2469 RFMD-RF2469 Datasheet
255Kb / 18P
W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com