Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIO1049 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SIO1049
Description  Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SIO1049 Datasheet(HTML) 1 Page - Microsemi Corporation

  SIO1049 Datasheet HTML 1Page - Microsemi Corporation SIO1049 Datasheet HTML 2Page - Microsemi Corporation SIO1049 Datasheet HTML 3Page - Microsemi Corporation SIO1049 Datasheet HTML 4Page - Microsemi Corporation SIO1049 Datasheet HTML 5Page - Microsemi Corporation SIO1049 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMSC SIO1049
PRODUCT PREVIEW
Revision 0.35 (05-17-06)
Data Brief
PRODUCT FEATURES
SIO1049
Super I/O with LPC
Interface, with IrDA and
Microsoft® Windows® MCE
Consumer IR Support
3.3 Volt Operation (5V Tolerant)
Programmable Wakeup Event Interface (IO_PME#
Pin)
SMI Support (IO_SMI# Pin)
GPIOs (14)
Two IRQ Input Pins
XNOR Chain
PC99a, PC2001
ACPI 2.0 Compliant
64-pin STQFP Package
Intelligent Auto Power Management
Serial Ports
— One Full Function Serial Port
— High Speed 16C550A Compatible UART with
Send/Receive 16-Byte FIFO
— Supports 230k and 460k Baud
— Programmable Baud Rate Generator
— Modem Control Circuitry
Infrared Communications Controllers
—Two IR Ports
— Multi-Protocol Serial Communications Controllers
— One IrDA v1.2 (4Mbps), HPSIR, ASKIR, Consumer IR
Support
— One Consumer IR Port (CIRCC3) with Support for NEC
PPM, Phillips RC5 and Microsoft CIR Protocols, and
PME Wake-up Option; New Capability to Capture
Carrier Frequency for Learn Mode
— 4-Channel IR Emitter Transmit Capability (BIRCC)
— Multiple Base I/O Address Options, 15 IRQ Options and
3 DMA Options
Multi-Mode Parallel Port with ChiProtect™
— Standard Mode IBM PC/XT®, PC/AT®, and PS/2™
Compatible Bidirectional Parallel Port
— Enhanced Parallel Port (EPP) Compatible - EPP 1.7
and EPP 1.9 (IEEE 1284 Compliant)
— IEEE 1284 Compliant Enhanced Capabilities Port
(ECP)
— ChiProtect Circuitry for Protection Against Damage Due
to Printer Power-On
— 192 Base I/O Address, 15 IRQ and 3 DMA Options
LPC Bus Host Interface
— Multiplexed Command, Address and Data Bus
— 8-Bit I/O Transfers
—8-Bit DMA Transfers
— 16-Bit Address Qualification
— Serial IRQ Interface Compatible with Serialized IRQ
Support for PCI Systems
— PCI CLKRUN# Support
— Power Management Event (IO_PME#) Interface Pin


Similar Part No. - SIO1049

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SIO1049 SMSC-SIO1049 Datasheet
98Kb / 6P
LPC Media Center Consumer IR Controller with Windows VistaTM Remote Control Support
SIO1049-JV SMSC-SIO1049-JV Datasheet
98Kb / 6P
LPC Media Center Consumer IR Controller with Windows VistaTM Remote Control Support
More results

Similar Description - SIO1049

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
Super I/O with LPC Interface with FIR and Consumer IR Support
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47N207 SMSC-LPC47N207 Datasheet
186Kb / 4P
LPC Super I/O IrDA Hot Docking Chip with UART
SIO1049 SMSC-SIO1049 Datasheet
98Kb / 6P
LPC Media Center Consumer IR Controller with Windows VistaTM Remote Control Support
logo
Microchip Technology
SIO1007 MICROCHIP-SIO1007 Datasheet
816Kb / 108P
LPC Super I/O LPC IrDA Hot Docking Chip with UART
07/14/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com