Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 4Page - STMicroelectronics ST25DV16K Datasheet HTML 5Page - STMicroelectronics ST25DV16K Datasheet HTML 6Page - STMicroelectronics ST25DV16K Datasheet HTML 7Page - STMicroelectronics ST25DV16K Datasheet HTML 8Page - STMicroelectronics ST25DV16K Datasheet HTML 9Page - STMicroelectronics ST25DV16K Datasheet HTML 10Page - STMicroelectronics ST25DV16K Datasheet HTML 11Page - STMicroelectronics ST25DV16K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 197 page
background image
3
Power management
3.1
Wired interface
Operating supply voltage VCC
In contact mode, before selecting the memory and issuing instructions to it, a valid and stable VCC voltage within
the specified [VCC(min), VCC(max)] range (see Table 243. I2C operating conditions) must be applied. To maintain
a stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor (10 to 100 nF),
close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write
instruction, until the completion of the internal I²C write cycle (tW). Instructions are not taken into account until
completion of the boot sequence (see Figure 5).
Figure 5. Power-up sequence (no RF field, LPD pin tied to VSS or package without LPD pin)
Power-up by VCC
(no VCC; VDCG)
VCC pin
Internal supply
I2C
I2C interface ready
No access
allowed
RF or I2C
I2C start
I2C stop
RF access not allowed
tboot*
* When RF field is present before VCC set up, boot is already done and tboot = 0.
* If the LPD pin follows VCC before going low, tboot = tboot_LPD, and starts only when LPD reaches the the low level.
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. The rise time must not be faster than 1 V/µs.
Device reset in I²C mode
To prevent unwanted write operations during power-up, a power-on reset (POR) circuit is included. At power-up
(continuous rise of VCC), the device does not respond to any I²C instruction until VCC has reached the power-on
reset threshold voltage (lower than the minimum VCC operating voltage defined in Table 243. I2C operating
conditions). When VCC passes over the POR threshold, the device is reset and enters the Standby power mode.
The device must not be accessed until VCC has reached a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range, and the time necessary by the device to set-up (tBootDC) has passed. In the version
supporting LPD pin, the boot takes place only when LPD goes low.
In a similar way, during power-down (continuous decrease in VCC), as soon as VCC drops below the power-on
reset threshold voltage, the device stops responding to any instruction sent to it, and the I2C address counter is
reset.
Power-down mode
During power-down (VCC decreasing continuously) the device must be in Standby power mode (mode reached
after decoding a Stop condition, assuming that there is no internal write cycle in progress).
ST25DV04K ST25DV16K ST25DV64K
Power management
DS10925 - Rev 11
page 8/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com