Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16K Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 9Page - STMicroelectronics ST25DV16K Datasheet HTML 10Page - STMicroelectronics ST25DV16K Datasheet HTML 11Page - STMicroelectronics ST25DV16K Datasheet HTML 12Page - STMicroelectronics ST25DV16K Datasheet HTML 13Page - STMicroelectronics ST25DV16K Datasheet HTML 14Page - STMicroelectronics ST25DV16K Datasheet HTML 15Page - STMicroelectronics ST25DV16K Datasheet HTML 16Page - STMicroelectronics ST25DV16K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 197 page
background image
4.2.1
User memory areas
The user memory can be split into different areas, each one with a distinct access privilege.
RF and I2C read and write commands are legal only within the same zone:
•
In RF, a multiple read or a multiple write command is not executed and returns the error code 0Fh if
addresses cross the area borders.
•
In I2C, a read data always return FFh after crossing an area border. A write command is not acknowledged
and not executed if the command crosses the area border.
Each user memory area is defined by its ending block address ENDAi. The starting block address is defined by
the end of the preceding area.
There are three ENDAi registers in the configuration system memory, used to define the end block addresses of
Area 1, Area 2 and Area 3. The end of Area 4 is always the last block of memory, and is not configurable.
Figure 8. ST25DVxxx user memory areas
Area1
(8 Blocks/32 Bytes minimum)
Area2
Area3
Area4
ST25DV user memory
ENDA1
ENDA2
ENDA3
Areas limit
registers
Block/Byte 0000h
Last Block/Byte
of user memory
On factory delivery all ENDAi are set to their maximum value, only Area1 exists and includes the full user
memory.
A granularity of 8 blocks (32 bytes) is offered to code area ending points.
An area end limit is coded as follows in ENDAi registers:
•
Last RF block address of area = 8 * ENDAi + 7 → ENDAi = int(Last Areai RF block address / 8)
•
Last I2C byte address of area = 32 * ENDAi + 31 → ENDAi = int(Last Areai I2C byte address / 32)
•
As a consequence, ENDA1 = 0 minimum size of Area 1 is 8 blocks (32 bytes).
Table 3. Maximum user memory block and byte addresses and ENDAi value
Device
Last user memory block address
seen by RF
Last user memory byte address seen
by I2C
Maximum ENDAi value
ST25DV04K-xx
007Fh
01FFh
0Fh
ST25DV16K-xx
01FFh
07FFh
3Fh
ST25DV64K-xx
07FFh
1FFFh
FFh
ST25DV04K ST25DV16K ST25DV64K
User memory
DS10925 - Rev 11
page 13/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com