Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015M12R Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLQ015M12R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M12R Datasheet(HTML) 5 Page - STMicroelectronics

  STLQ015M12R Datasheet HTML 1Page - STMicroelectronics STLQ015M12R Datasheet HTML 2Page - STMicroelectronics STLQ015M12R Datasheet HTML 3Page - STMicroelectronics STLQ015M12R Datasheet HTML 4Page - STMicroelectronics STLQ015M12R Datasheet HTML 5Page - STMicroelectronics STLQ015M12R Datasheet HTML 6Page - STMicroelectronics STLQ015M12R Datasheet HTML 7Page - STMicroelectronics STLQ015M12R Datasheet HTML 8Page - STMicroelectronics STLQ015M12R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 7
V
VOUT
DC output voltage
-0.3 to VIN+0.3
V
VEN
Enable input voltage
-0.3 to VIN+0.3
V
IOUT
Output current
Internally limited
mA
ESD
Human body model
±3
kV
Machine model
±300
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Max. junction temperature
150
°C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. All values are referred to GND.
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
255
°C/W
RthJC
Thermal resistance junction-case
81
°C/W
STLQ015
Maximum ratings
DS6765 - Rev 7
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com