Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015M12R Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLQ015M12R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M12R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLQ015M12R Datasheet HTML 5Page - STMicroelectronics STLQ015M12R Datasheet HTML 6Page - STMicroelectronics STLQ015M12R Datasheet HTML 7Page - STMicroelectronics STLQ015M12R Datasheet HTML 8Page - STMicroelectronics STLQ015M12R Datasheet HTML 9Page - STMicroelectronics STLQ015M12R Datasheet HTML 10Page - STMicroelectronics STLQ015M12R Datasheet HTML 11Page - STMicroelectronics STLQ015M12R Datasheet HTML 12Page - STMicroelectronics STLQ015M12R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Figure 8. Dropout voltage vs. temperature
AMG140720161104M
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.05
0.1
0.15
0.2
I
OUT [A]
VO = 1.5 V
VO = 3.3 V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.05
0.1
0.15
0.2
I
OUT [A]
VO = 1.5 V
VO = 3.3 V
Figure 9. Quiescent current vs. temperature
AMG140720161105M
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-20
0
20
40
60
80
100
120
140
Te mpe rature [°C]
V
IN = 1.5 V, VO = 0.8 V
VIN = 4.3 V, VO = 3.3 V
I
O = 0 m A
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-20
0
20
40
60
80
100
120
140
Te mpe rature [°C]
V
IN = 1.5 V, VO = 0.8 V
VIN = 4.3 V, VO = 3.3 V
I
O = 0 m A
Figure 10. Supply voltage rejection vs. frequency
AMG190720161100M
10
20
30
40
50
60
70
100
1000
10000
100000
f [Hz ]
Vout=0.8V
Vout=3.3V
Figure 11. Supply voltage rejection vs. IOUT
AMG190720161101M
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 1.5, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
f = 1 kHz
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 1.5, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
f = 1 kHz
Figure 12. Quiescent current vs. input voltage
AMG190720161102M
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
V
O = 0.8 V
VO = 3.3 V
I
O = 1 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
V
IN [V]
V
O = 0.8 V
VO = 3.3 V
I
O = 1 mA
Figure 13. Quiescent current vs. output current
AMG190720161103M
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
VIN = 4.3 V, VO = 3.3 V
V
IN = 1.5 V, VO = 0.8 V
TJ = 25 °C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
VIN = 4.3 V, VO = 3.3 V
V
IN = 1.5 V, VO = 0.8 V
TJ = 25 °C
STLQ015
Typical performance characteristics
DS6765 - Rev 7
page 9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com