Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F862 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F862
Description  Bus transceivers 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F862 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F862 Datasheet HTML 3Page - NXP Semiconductors 74F862 Datasheet HTML 4Page - NXP Semiconductors 74F862 Datasheet HTML 5Page - NXP Semiconductors 74F862 Datasheet HTML 6Page - NXP Semiconductors 74F862 Datasheet HTML 7Page - NXP Semiconductors 74F862 Datasheet HTML 8Page - NXP Semiconductors 74F862 Datasheet HTML 9Page - NXP Semiconductors 74F862 Datasheet HTML 10Page - NXP Semiconductors 74F862 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F862, 74F863
Bus transceivers (3-State)
2000 Mar 24
7
AC ELECTRICAL CHARACTERISTICS
74F863
SYMBOL
PARAMETER
TEST CONDITION
Ta = +25°C
VCC = 5 V
CL = 50 pF, RL = 500 Ω
Ta = 0°C to +70°C
VCC = 5 V ±10%
CL = 50 pF, RL = 500 Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An or Bn
Waveform 1
4.0
3.0
6.0
5.0
9.0
8.0
3.5
2.5
10.0
9.0
ns
tPLH
tPHL
Propagation delay
Bn or An
Waveform 1
4.0
2.5
6.0
5.0
9.0
8.0
3.5
2.5
10.0
9.0
ns
tPZH
tPZL
Output Enable time
High or Low level OEBAn to An
Waveform 3
Waveform 4
6.0
4.0
8.0
6.0
11.5
10.0
5.0
4.0
13.0
11.0
ns
tPZH
tPZL
Output Enable time
High or Low level OEABn to Bn
Waveform 3
Waveform 4
6.0
4.0
8.0
6.0
11.0
10.0
5.0
4.0
13.0
11.0
ns
tPHZ
tPLZ
Output Disable time
High or Low level OEBAn to An
Waveform 3
Waveform 4
3.5
2.5
5.5
5.0
9.0
8.5
3.0
2.0
9.5
9.5
ns
tPHZ
tPLZ
Output Disable time
High or Low level OEABn to Bn
Waveform 3
Waveform 4
3.5
2.5
5.5
4.5
8.5
8.5
3.0
2.0
9.5
9.5
ns
AC ELECTRICAL CHARACTERISTICS
74F862
SYMBOL
PARAMETER
TEST CONDITION
Ta = +25°C
VCC = 5 V
CL = 50 pF, RL = 500 Ω
Ta = 0°C to +70°C
VCC = 5 V ±10%
CL = 50 pF, RL = 500 Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An or Bn
Waveform 2
4.0
1.5
6.0
3.5
9.0
6.5
3.0
1.5
10.0
7.0
ns
tPLH
tPHL
Propagation delay
Bn or An
Waveform 2
4.0
1.5
6.0
3.5
9.0
6.5
3.5
1.5
10.0
7.0
ns
tPZH
tPZL
Output Enable time
High or Low level OEBAn to An
Waveform 3
Waveform 4
6.5
6.0
8.5
7.5
12.0
12.0
5.5
5.0
13.5
14.0
ns
tPZH
tPZL
Output Enable time
High or Low level OEABn to Bn
Waveform 3
Waveform 4
6.5
6.0
8.5
7.5
12.0
12.0
5.5
5.0
13.5
14.0
ns
tPHZ
tPLZ
Output Disable time
High or Low level OEBAn to An
Waveform 3
Waveform 4
3.0
2.5
5.0
4.0
8.5
8.5
2.5
2.0
9.5
9.0
ns
tPHZ
tPLZ
Output Disable time
High or Low level OEABn to Bn
Waveform 3
Waveform 4
3.0
2.5
5.0
4.0
8.5
8.5
2.5
2.0
9.5
9.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com