Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F862 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F862
Description  Bus transceivers 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F862 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F862 Datasheet HTML 4Page - NXP Semiconductors 74F862 Datasheet HTML 5Page - NXP Semiconductors 74F862 Datasheet HTML 6Page - NXP Semiconductors 74F862 Datasheet HTML 7Page - NXP Semiconductors 74F862 Datasheet HTML 8Page - NXP Semiconductors 74F862 Datasheet HTML 9Page - NXP Semiconductors 74F862 Datasheet HTML 10Page - NXP Semiconductors 74F862 Datasheet HTML 11Page - NXP Semiconductors 74F862 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74F862, 74F863
Bus transceivers (3-State)
2000 Mar 24
8
AC WAVEFORMS
VM
VM
VM
VM
Bn, An
An, Bn
tPLH
tPHL
SF00202
Waveform 1. Propagation Delay for Non-inverting Output
An or Bn
Bn or An
tPLH
VM
VM
VM
VM
tPHL
SF00534
Waveform 2. Propagation Delay for Inverting Output
An, Bn
OEBAn
OEABn
tPZH
VM
VM
VM
tPHZ
VOH –0.3 V
SF00535
0 V
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
An, Bn
OEBAn
OEABn
tPZL
VM
VM
VM
tPLZ
VOL +0.3 V
SF00536
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level
NOTE: For all waveforms, VM = 1.5V.
TEST CIRCUITS AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00128
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com