Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500SDFD6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # DMV1500SDFD6
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500SDFD6 Datasheet(HTML) 7 Page - STMicroelectronics

  DMV1500SDFD6 Datasheet HTML 1Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 2Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 3Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 4Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 5Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 6Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 7Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DMV1500SD
7/8
Figure 19: TO-220FPAB Package Mechanical Data
Table 8: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery
mode
DMV1500SDFD
DMV1500SD
TO-220FPAB
2.4 g
50
Tube
DMV1500SDFD6
DMV1500SD
TO-220FPAB FD6
2.4 g
45
Tube
Table 9: Revision History
Date
Revision
Description of Changes
25-Oct-2004
1
First issue
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.9
0.173
0.192
B
2.5
2.9
0.098
0.114
D
2.45
2.75
0.096
0.108
E
0.4
0.7
0.016
0.027
F
0.6
1
0.024
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.7
0.393
0.421
L2
16 Typ.
0.630 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.7
0.385
0.421
L6
15.8
16.4
0.622
0.646
L7
9
9.9
0.354
0.390
Dia.
2.9
3.5
0.114
0.138



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com