Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMV1500SDFD6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DMV1500SDFD6
Description  DAMPER MODULATION DIODE FOR VIDEO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DMV1500SDFD6 Datasheet(HTML) 1 Page - STMicroelectronics

  DMV1500SDFD6 Datasheet HTML 1Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 2Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 3Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 4Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 5Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 6Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 7Page - STMicroelectronics DMV1500SDFD6 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
DAMPER
MODUL.
IF(AV)
6 A
6 A
VRRM
1500 V
600 V
trr (typ)
150 ns
60 ns
VF (typ)
1.1 V
1.0 V
DMV1500SD
DAMPER + MODULATION DIODE FOR VIDEO
1
2
3
TO-220FPAB
DMV1500SDFD
DAMPER
12
3
MODULATION
1
2
3
TO-220FPAB FD6
DMV1500SDFD6
(optional)
October 2004
REV. 1
FEATURES AND BENEFITS
■ Full kit in one package
■ High breakdown voltage capability
■ Very fast recovery diode
■ Specified turn on switching characteristics
■ Low static and peak forward voltage drop for
low dissipation
■ Insulated version:
■ Insulated voltage = 2000 VRMS
■ Capacitance = 7 pF
■ Planar technology allowing high quality and
best electrical characteristics
■ Outstanding performance of well proven DTV
as damper and new faster Turbo 2 600V
technology as modulation
DESCRIPTION
High voltage semiconductor especially designed
for horizontal deflection stage in standard and high
resolution video display with E/W correction.
The insulated TO-220FPAB package includes
both the DAMPER diode and the MODULATION
diode, thanks to a dedicated design.
Assembled on automated line, it offers very low
dispersion values on insulating and thermal
performanes.
Table 2: Order Codes
Part Number
Marking
DMV1500SDFD
DMV1500SD
DMV1500SDFD6
DMV1500SD


Similar Part No. - DMV1500SDFD6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV1500 STMICROELECTRONICS-DMV1500 Datasheet
73Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Jul-2001
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500HDFD STMICROELECTRONICS-DMV1500HDFD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500HDFD6 STMICROELECTRONICS-DMV1500HDFD6 Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
More results

Similar Description - DMV1500SDFD6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DMV STMICROELECTRONICS-DMV Datasheet
114Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
logo
Sanken electric
FMP-3FU SANKEN-FMP-3FU Datasheet
33Kb / 2P
Damper diode (Diode modulation for Displays)
FMV-3FU SANKEN-FMV-3FU Datasheet
26Kb / 1P
Damper Diode (Diode modulation for TV)
logo
Fairchild Semiconductor
FFAF60A150DS FAIRCHILD-FFAF60A150DS Datasheet
138Kb / 6P
MODULATION DAMPER DIODE
FFPF60B150DS FAIRCHILD-FFPF60B150DS Datasheet
56Kb / 6P
DAMPER MODULATION DIODE
logo
STMicroelectronics
DMV1500M STMICROELECTRONICS-DMV1500M Datasheet
73Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Jul-2001
DMV1500H STMICROELECTRONICS-DMV1500H Datasheet
86Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
DMV1500L STMICROELECTRONICS-DMV1500L Datasheet
87Kb / 9P
DAMPER MODULATION DIODE FOR VIDEO
Insulated
DMV1500HD STMICROELECTRONICS-DMV1500HD Datasheet
88Kb / 8P
DAMPER MODULATION DIODE FOR CRT TV
16-Mar-2005
DMV1500M STMICROELECTRONICS-DMV1500M_04 Datasheet
90Kb / 8P
DAMPER MODULATION DIODE FOR VIDEO
07-Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com