Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3495 Datasheet HTML 1Page - National Semiconductor (TI) LM3495 Datasheet HTML 2Page - National Semiconductor (TI) LM3495 Datasheet HTML 3Page - National Semiconductor (TI) LM3495 Datasheet HTML 4Page - National Semiconductor (TI) LM3495 Datasheet HTML 5Page - National Semiconductor (TI) LM3495 Datasheet HTML 6Page - National Semiconductor (TI) LM3495 Datasheet HTML 7Page - National Semiconductor (TI) LM3495 Datasheet HTML 8Page - National Semiconductor (TI) LM3495 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Connection Diagram
TOP VIEW
20169902
16-Lead Plastic TSSOP
θ
JA = 155˚C/W
Ordering Information
Part Number
NSC Package Drawing
Supplied As
LM3495MTC
MTC16
92 Units Per Rail
LM3495MTCX
MTC16
2.5k Units Per Reel
Pin Descriptions
BOOST (Pin 1): Supply rail for the high-side FET gate drive.
The voltage should be at least one gate threshold above the
regulator input voltage to properly turn on the high-side FET.
HG (Pin 2): Gate drive for the high-side N-channel FET. This
signal is interlocked with LG to avoid shoot-through.
SW/CSH (Pin 3): Return path for the high-side FET driver
and top Kelvin sense point for the load current. Connect this
pin as close as possible to the drain of the low-side FET with
a separate trace. Also used along with CSL for zero crossing
detection.
CSL (Pin 4): Bottom sense point for the load current. Con-
nect this as close as possible to the source of the low-side
FET with a separate trace.
ILIM (Pin 5): Current limit threshold setting. This pin sources
a fixed 20 µA current. A resistor of appropriate value should
be connected between this pin and the drain of the low-side
FET.
FPWM (Pin 6): Control mode select. An open circuit at this
pin allows the IC to operate in skip mode at light loads. A
logic low or connection to ground forces PWM operation at
all times. This pin should not be pulled up to any voltage
above 3.0V.
SNS (Pin 7): Output voltage sense pin. Connect this pin as
close as possible to the positive terminal of the output ca-
pacitor with a separate trace. This pin connects to an internal
FET that discharges the output capacitor during shutdown.
FREQ/SYNC (Pin 8): Switching frequency select pin and
input for external clock. Connect a resistor from this pin to
ground to determine switching frequency. Alternatively, a
logic level clock signal between 200 kHz and 1.5 MHz can be
applied to this pin through a 100 pF DC blocking capacitor to
set the switching frequency.
TRACK (Pin 9): Tracking pin. To force the output of the
LM3495 to track another power supply, connect a resistor
divider (smaller than 10 k
Ω for better precision) from the
output of the other supply directly to this pin. When not used,
this pin should be connected directly to the VLIN5 pin.
FB (Pin 10): Feedback pin. Connecting a resistor divider
from the output voltage to this pin sets the DC level of the
output voltage.
COMP/SD (Pin 11): Output of the error amplifier. The volt-
age level on this pin is compared with an internally gener-
ated ramp signal to determine the duty cycle. This pin is
necessary for compensating the control loop. This pin must
be left floating for the converter to regulate the output voltage
in steady state. Forcing this pin below 0.3V shuts down the
regulator.
SGND (Pin 12): Signal ground. Ground connection for the
low power analog circuitry. Connect this pin to the PGND pin
with a separate trace.
VIN (Pin 13): Input voltage. Input to an internal 4.7V linear
regulator. Bypass this pin with a minimum 1 µF ceramic
capacitor.
VLIN5 (Pin 14): Output of the internal 4.7V linear regulator.
Provides power to the high-side bootstrap and low-side
driver. Bypass this pin with a 2.2 µF ceramic capacitor to
PGND.
LG (Pin 15): Gate drive for the low-side N-channel FET. This
signal is interlocked with HG to avoid shoot-through.
PGND (Pin 16): Ground connection for the power circuitry.
Connect to the source of the low-side FET and the output
capacitor with heavy traces or a copper plane.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com