Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3495 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3495
Description  Emulated Peak Current Mode Buck Controller for Low Output Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3495 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3495 Datasheet HTML 9Page - National Semiconductor (TI) LM3495 Datasheet HTML 10Page - National Semiconductor (TI) LM3495 Datasheet HTML 11Page - National Semiconductor (TI) LM3495 Datasheet HTML 12Page - National Semiconductor (TI) LM3495 Datasheet HTML 13Page - National Semiconductor (TI) LM3495 Datasheet HTML 14Page - National Semiconductor (TI) LM3495 Datasheet HTML 15Page - National Semiconductor (TI) LM3495 Datasheet HTML 16Page - National Semiconductor (TI) LM3495 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Applications Information (Continued)
output voltage of the master supply. In this case, the tracking
resistors can be determined based on the following equa-
tion:
Again, a value of 10 k
Ω 1% is recommended for R
T2. For the
example case of V
OUT1 = 5V and VOUT2 = 1.8V, RT1 would
be 5.62 k
Ω 1%. A timing diagram for this example, the case
of equal slew rates, is shown in Figure 3.
FPWM MODE OPERATION
The LM3495 operates under forced PWM when the FPWM
pin is connected to ground. While in FPWM operation, the
LM3495 controls the output voltage by adjusting the duty
cycle of the power FETs with trailing edge PWM. The output
inductor and capacitor filter the square wave produced as
the power FETs chop the input voltage, thereby creating a
regulated output voltage. The DC level of the output voltage
can be set anywhere from 0.6V up to 5.5V, and is deter-
mined by a pair of feedback resistors using the following
equation:
In steady state FPWM mode, the inductor current can flow
from the drain to the source of the low-side FET, keeping the
converter in continuous conduction mode (CCM) at all times.
CCM has the advantage of constant frequency and nearly
constant duty cycle (D = V
O/VIN) over all load conditions, and
it allows the converter to sink current at the output if needed.
The switching frequency of the internal oscillator is set by a
resistor, R
FRQ,
connected from the FREQ/SYNC pin to
ground. The proper resistor for a desired switching fre-
quency, f
SW, can be determined by using the following equa-
tion:
SKIP MODE OPERATION
If the FPWM pin is left open-circuited, the LM3495 can enter
into SKIP mode operation, delivering better efficiency at light
loads. As long as the inductor current is positive (flowing
from the switch node to the output node), SKIP mode is
identical to FPWM mode. Once the inductor current be-
comes negative, however, an internal zero-cross comparator
will disable the low-side FET. This ’diode-emulation’ mode
allows the converter to operate in discontinuous conduction
mode (DCM). In DCM, the duty cycle decreases as the load
current decreases. A minimum on-time comparator prevents
the duty cycle during DCM from decreasing below 80% of
the steady state duty cycle, D. The converter will allow one
on-time pulse, causing the output voltage to rise and the
COMP/SD voltage to droop. If COMP/SD drops below the
skip cycle comparator threshold of 1.05V, the control logic
will disable the high-side FET for one cycle, effectively skip-
ping a pulse. This skipping action continues until the
COMP/SD voltage rises above the skip cycle threshold.
Multiple pulses can be skipped depending on load, input
voltage, and output voltage. Switching frequency is not fixed
during SKIP Mode, but energy is saved because the high
and low-side FETs are driven less frequently than in FPWM
mode. In SKIP mode the regulator cannot sink current at the
output.
SKIP TO FPWM TRANSITION
The LM3495 employs circuitry to transition from SKIP mode
to FPWM mode with minimal discontinuity in inductor current
and output voltage. When the FPWM pin is grounded, the
threshold of the zero-cross comparator decreases from 0V
to -9.9 mV over fifteen switching cycles. After fifteen cycles
have elapsed, the zero-cross comparator is disabled entirely
and the circuit switches to FPWM mode.
Note that "on-the-fly" changes from FPWM mode to SKIP
mode are not recommended due to the possibility of discon-
tinuity in the inductor current and/or output voltage.
FREQUENCY SYNCHRONIZATION
The switching action of the LM3495 can be synchronized to
external clocks or other fixed frequency signals in the range
of 200 kHz to 1.5 MHz. The external clock should be applied
through a 100 pF coupling capacitor, C
SYNC, as shown in
Figure 4. In order for the LM3495 to synchronize properly,
the external clock should exceed 1.2V on each rising edge
and remain above 1.2V for at least 100 ns.
The external clock should also fall below 0.3V on each falling
edge, and remain below 0.3V for at least 100 ns. Circuits that
use an external clock should still have a resistor, R
FRQ,
connected from the FREQ/SYNC pin to signal ground. R
FRQ
should be selected using the equation from FPWM Mode
Operation to match the external clock frequency. This allows
the regulator to continue operating at approximately the
same switching frequency if the external clock fails and the
coupling capacitor on the clock side is grounded or pulled to
a logic high.
If the external clock fails low, timeout circuits will prevent the
high-side FET from staying off for longer than 1.5 times the
switching period (Switching period T
SW = 1/fSW). At the end
of this timeout period the regulator will begin to switch at the
frequency set by R
FRQ.
If the external clock fails high, timeout circuits will again
prevent the high-side FET from staying off longer than 1.5
times the switching period. After this timeout period, the
internal oscillator takes over and switches at a fixed 1 MHz
until the voltage on the FREQ/SYNC pin has decayed to
20169933
FIGURE 3. Tracking with Equal Slew Rates
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com