Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G10M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # G10M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

G10M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  G10M65DF2 Datasheet HTML 1Page - STMicroelectronics G10M65DF2 Datasheet HTML 2Page - STMicroelectronics G10M65DF2 Datasheet HTML 3Page - STMicroelectronics G10M65DF2 Datasheet HTML 4Page - STMicroelectronics G10M65DF2 Datasheet HTML 5Page - STMicroelectronics G10M65DF2 Datasheet HTML 6Page - STMicroelectronics G10M65DF2 Datasheet HTML 7Page - STMicroelectronics G10M65DF2 Datasheet HTML 8Page - STMicroelectronics G10M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2017
DocID027429 Rev 6
1/19
This is information on a product in full production.
www.st.com
STGB10M65DF2
Trench gate field-stop IGBT, M series 650 V, 10 A
low-loss in D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
6 µs of short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 10 A
Tight parameter distribution
Safer paralleling
Positive VCE(sat) temperature coefficient
Low thermal resistance
Soft and very fast recovery antiparallel diode
Maximum junction temperature: TJ = 175 °C
Applications
Motor control
UPS
PFC
General purpose inverter
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series
IGBTs, which represent an optimal balance
between inverter system performance and
efficiency where low-loss and short-circuit
functionality are essential. Furthermore, the
positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGB10M65DF2
G10M65DF2
D²PAK
Tape and reel
1
3
TAB
D²PAK
2


Similar Part No. - G10M65DF2

ManufacturerPart #DatasheetDescription
logo
Powerbox
G10 POWERBOX-G10 Datasheet
503Kb / 1P
5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Virginia Panel Corporat...
G10 VPC-G10 Datasheet
1Mb / 2P
Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
logo
Shenzhen Taychipst Elec...
G10 TAYCHIPST-G10 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
XP Power Limited
G10 XPPOWER-G10 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G10 XPPOWER-G10 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
More results

Similar Description - G10M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB10M65DF2 STMICROELECTRONICS-STGB10M65DF2 Datasheet
1Mb / 20P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
20-Oct-2015
STGF15M65DF2 STMICROELECTRONICS-STGF15M65DF2 Datasheet
910Kb / 15P
Trench gate field-stop IGBT M series, 650 V 15 A low loss
14-Oct-2015
STGP10M65DF2 STMICROELECTRONICS-STGP10M65DF2 Datasheet
945Kb / 18P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
19-Oct-2015
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW10M65DF2 STMICROELECTRONICS-STGW10M65DF2 Datasheet
928Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 10 A low loss
08-Mar-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGF10M65DF2 STMICROELECTRONICS-STGF10M65DF2 Datasheet
989Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in TO-220FP package
April 2017
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2_V01 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low-loss in a D²PAK package
04-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com