Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G10M65DF2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # G10M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

G10M65DF2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button G10M65DF2 Datasheet HTML 6Page - STMicroelectronics G10M65DF2 Datasheet HTML 7Page - STMicroelectronics G10M65DF2 Datasheet HTML 8Page - STMicroelectronics G10M65DF2 Datasheet HTML 9Page - STMicroelectronics G10M65DF2 Datasheet HTML 10Page - STMicroelectronics G10M65DF2 Datasheet HTML 11Page - STMicroelectronics G10M65DF2 Datasheet HTML 12Page - STMicroelectronics G10M65DF2 Datasheet HTML 13Page - STMicroelectronics G10M65DF2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
STGB10M65DF2
10/19
DocID027429 Rev 6
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/t
tp
t
Single pulse
δ=0.5
ZthTO2T_B
Figure 26: Reverse recovery energy vs. diode current slope
Figure 27: Thermal impedance for IGBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com